Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV27030S-TR Datasheet(PDF) 8 Page - Cree, Inc

Part # CGHV27030S-TR
Description  30 W, DC - 6.0 GHz, GaN HEMT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV27030S-TR Datasheet(HTML) 8 Page - Cree, Inc

Back Button CGHV27030S-TR Datasheet HTML 4Page - Cree, Inc CGHV27030S-TR Datasheet HTML 5Page - Cree, Inc CGHV27030S-TR Datasheet HTML 6Page - Cree, Inc CGHV27030S-TR Datasheet HTML 7Page - Cree, Inc CGHV27030S-TR Datasheet HTML 8Page - Cree, Inc CGHV27030S-TR Datasheet HTML 9Page - Cree, Inc CGHV27030S-TR Datasheet HTML 10Page - Cree, Inc CGHV27030S-TR Datasheet HTML 11Page - Cree, Inc CGHV27030S-TR Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
CGHV27030S Rev 2.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2013 - 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance in Application Circuit CGHV27030S-AMP2
Figure 5. - Typical Drain Efficiency and ACLR vs. Output Power
V
DD = 28 V, IDQ = 0.13 A, 1c WCDMA, PAR = 7.5 dB
Figure 6. - Typical Gain, Drain Efficiency and ACLR vs Frequency
V
DD = 28 V, IDQ = 0.13 A, PAVE = 3.2 W, 1c WCDMA, PAR = 7.5 dB
-35.00
-32.50
-30.00
-27.50
-25.00
20
25
30
35
40
Typical Drain Efficiency and ACLR vs. Frequency
CGHV27030S measured in Application Circuit (AD-03-000308) optimized for 28 V operation
VDD=28 V, IDQ-0.13,PAVE=3.2W,1cWCDMA, PAR=7.5 dB
GAIN
EFF
ACLR
-45.00
-42.50
-40.00
-37.50
0
5
10
15
2.45
2.50
2.55
2.60
2.65
2.70
2.75
Frequency (GHz)
Gain
ACLR
Drain Efficiency
25
30
35
40
45
-20
-15
-10
-5
0
Typical Drain Efficiency and ACLR vs Output Power
CGHV27030S measured in Application Circuit (AD-03-000308) optimized for 28 V operation
VDD=28V,IDQ=0.13
ACLR_2p5
ACLR_2p6
ACLR_2p7
EFF2P5
EFF2P6
EFF2P7
0
5
10
15
20
-45
-40
-35
-30
-25
18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38
Pout (dBm)


Similar Part No. - CGHV27030S-TR

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
   30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
More results

Similar Description - CGHV27030S-TR

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
   30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
CGH60030D WOLFSPEED-CGH60030D Datasheet
1Mb / 9P
   30 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
CGH60030D CREE-CGH60030D Datasheet
622Kb / 8P
   30 W, 6.0 GHz, GaN HEMT Die
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
logo
Cree, Inc
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
   60 W, 6.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CGH60008D WOLFSPEED-CGH60008D Datasheet
977Kb / 9P
   8 W, 6.0 GHz, GaN HEMT Die
Rev. 1.2, 2022-11-23
CGH60015D WOLFSPEED-CGH60015D Datasheet
980Kb / 9P
   15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com