Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV27100F Datasheet(PDF) 11 Page - Cree, Inc

Part # CGHV27100F
Description  100 W, 2500-2700 MHz, 50 V, GaN HEMT for LTE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV27100F Datasheet(HTML) 11 Page - Cree, Inc

Back Button CGHV27100F Datasheet HTML 3Page - Cree, Inc CGHV27100F Datasheet HTML 4Page - Cree, Inc CGHV27100F Datasheet HTML 5Page - Cree, Inc CGHV27100F Datasheet HTML 6Page - Cree, Inc CGHV27100F Datasheet HTML 7Page - Cree, Inc CGHV27100F Datasheet HTML 8Page - Cree, Inc CGHV27100F Datasheet HTML 9Page - Cree, Inc CGHV27100F Datasheet HTML 10Page - Cree, Inc CGHV27100F Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
CGHV27100 Rev 1.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2014-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Disclaimer
Specifications are subject to change without notice. Cree, Inc. believes the information contained within this data sheet to be accurate
and reliable. However, no responsibility is assumed by Cree for any infringement of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of Cree. Cree makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose. “Typical” parameters are the average
values expected by Cree in large quantities and are provided for information purposes only. These values can and do vary in different
applications and actual performance can vary over time. All operating parameters should be validated by customer’s technical experts
for each application. Cree products are not designed, intended or authorized for use as components in applications intended for surgical
implant into the body or to support or sustain life, in applications in which the failure of the Cree product could result in personal injury or
death or in applications for planning, construction, maintenance or direct operation of a nuclear facility.
For more information, please contact:
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
www.cree.com/rf
Sarah Miller
Marketing
Cree, RF Components
1.919.407.5302
Ryan Baker
Marketing & Sales
Cree, RF Components
1.919.407.7816
Tom Dekker
Sales Director
Cree, RF Components
1.919.407.5639


Similar Part No. - CGHV27100F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
logo
Cree, Inc
CGHV27015S-AMP1 CREE-CGHV27015S-AMP1 Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
CGHV27015S-TR CREE-CGHV27015S-TR Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
   30 W, DC - 6.0 GHz, GaN HEMT
More results

Similar Description - CGHV27100F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27200 CREE-CGHV27200 Datasheet
696Kb / 11P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200_15 Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27060MP CREE-CGHV27060MP Datasheet
1Mb / 8P
   60 W, DC - 2700 MHz, 50 V, GaN HEMT for LTE and Pulse Radar Applications
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
CGHV22100 CREE-CGHV22100 Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
logo
WOLFSPEED, INC.
CGHV35060MP WOLFSPEED-CGHV35060MP Datasheet
2Mb / 11P
   60 W, 2700-3800 MHz, 50 V GaN HEMT for S-Band Radar and LTE Base Stations
Rev. 2.4, 2022-12-2
logo
Cree, Inc
CGHV22200 CREE-CGHV22200 Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
logo
WOLFSPEED, INC.
CGHV40200PP WOLFSPEED-CGHV40200PP Datasheet
1Mb / 12P
   200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8
logo
Cree, Inc
CGHV40200PP CREE-CGHV40200PP Datasheet
713Kb / 13P
   200 W, 50 V, GaN HEMT
CGHV40180F CREE-CGHV40180F Datasheet
1Mb / 12P
   180 W, DC - 2000 MHz, 50 V, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com