Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV31500F-TB Datasheet(PDF) 7 Page - Cree, Inc

Part # CGHV31500F-TB
Description  500 W, 2700 - 3100 MHz, 50-Ohm Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV31500F-TB Datasheet(HTML) 7 Page - Cree, Inc

Back Button CGHV31500F-TB Datasheet HTML 2Page - Cree, Inc CGHV31500F-TB Datasheet HTML 3Page - Cree, Inc CGHV31500F-TB Datasheet HTML 4Page - Cree, Inc CGHV31500F-TB Datasheet HTML 5Page - Cree, Inc CGHV31500F-TB Datasheet HTML 6Page - Cree, Inc CGHV31500F-TB Datasheet HTML 7Page - Cree, Inc CGHV31500F-TB Datasheet HTML 8Page - Cree, Inc CGHV31500F-TB Datasheet HTML 9Page - Cree, Inc CGHV31500F-TB Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
CGHV31500F Rev 1.0 - PRELIMINARY
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Product Dimensions CGHV31500F (Package Type — 440217)


Similar Part No. - CGHV31500F-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV31500F WOLFSPEED-CGHV31500F Datasheet
808Kb / 11P
   500 W, 2.7 - 3.1 GHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev 3.2 - April 2020
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
   2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
More results

Similar Description - CGHV31500F-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH31240F CREE-CGH31240F Datasheet
2Mb / 12P
   240 W, 2700-3100 MHz, 50-ohm Input
CGH35240F CREE-CGH35240F Datasheet
1Mb / 12P
   240 W, 3100-3500 MHz, 50-ohm Input/
CGHV59350 CREE-CGHV59350 Datasheet
3Mb / 12P
   350 W, 5200 - 5900 MHz, 50-Ohm Input
CGHV50200F CREE-CGHV50200F Datasheet
2Mb / 15P
   200 W, 4400 - 5000 MHz, 50-Ohm Input
CGHV35400F CREE-CGHV35400F Datasheet
829Kb / 11P
   400 W, 2900 - 3500 MHz, 50-Ohm Input
GTVA311801FA CREE-GTVA311801FA Datasheet
463Kb / 5P
   Thermally-Enhanced High Power RF GaN on SiC HEMT 180 W, 50 V, 2700 ??3100 MHz
logo
Microsemi Corporation
2731-100M MICROSEMI-2731-100M Datasheet
298Kb / 5P
   100 Watts, 36 Volts, 200us, 10% Radar 2700-3100 MHz
2731-20 MICROSEMI-2731-20 Datasheet
63Kb / 3P
   20Watts, 36 Volts, 100us, 10% Radar 2700-3100 MHz
logo
National Instruments Co...
PXI-2593 NI-PXI-2593 Datasheet
537Kb / 4P
   500 MHz bandwidth/50 OHM characteristic impedance
logo
TriQuint Semiconductor
TQM8M9079 TRIQUINT-TQM8M9079_15 Datasheet
604Kb / 8P
   500-2700 MHz Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com