Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV40030 Datasheet(PDF) 2 Page - Cree, Inc

Part # CGHV40030
Description  30 W, DC - 6 GHz, 50V, GaN HEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV40030 Datasheet(HTML) 2 Page - Cree, Inc

  CGHV40030 Datasheet HTML 1Page - Cree, Inc CGHV40030 Datasheet HTML 2Page - Cree, Inc CGHV40030 Datasheet HTML 3Page - Cree, Inc CGHV40030 Datasheet HTML 4Page - Cree, Inc CGHV40030 Datasheet HTML 5Page - Cree, Inc CGHV40030 Datasheet HTML 6Page - Cree, Inc CGHV40030 Datasheet HTML 7Page - Cree, Inc CGHV40030 Datasheet HTML 8Page - Cree, Inc CGHV40030 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
CGHV40030 Rev 1.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2014-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Absolute Maximum Ratings (not simultaneous) at 25˚C Case Temperature
Parameter
Symbol
Rating
Units
Notes
Drain-Source Voltage
V
DSS
125
Volts
25˚C
Gate-to-Source Voltage
V
GS
-10, +2
Volts
25˚C
Storage Temperature
T
STG
-65, +150
˚C
Operating Junction Temperature
T
J
225
˚C
Maximum Forward Gate Current
I
GMAX
5.2
mA
25˚C
Maximum Drain Current1
I
DMAX
4.2
A
25˚C
Soldering Temperature2
T
S
245
˚C
Case Operating Temperature3,4
T
C
-40, +150
˚C
Thermal Resistance, Junction to Case5
R
θ
JC
5.9
˚C/W
85˚C
Note:
1
Current limit for long term, reliable operation
2
Refer to the Application Note on soldering at www.cree.com/rf/document-library
3
Simulated at P
DISS = 23.4 W
4
T
C = Case temperature for the device. It refers to the temperature at the ground tab underneath the package. The PCB will add additional thermal
resistance.
5
CW
Electrical Characteristics (T
C = 25˚C) - 50 V Typical
Characteristics
Symbol
Min.
Typ.
Max.
Units
Conditions
DC Characteristics1
Gate Threshold Voltage
V
GS(th)
-3.8
-3.0
-2.3
V
DC
V
DS = 10 V, ID = 5.2 mA
Gate Quiescent Voltage
V
GS(Q)
-2.6
V
DC
V
DS = 50 V, ID = 150 mA
Saturated Drain Current2
I
DS
3.9
5.2
A
V
DS = 6.0 V, VGS = 2.0 V
Drain-Source Breakdown Voltage
V
(BR)DSS
125
V
DC
V
GS = -8 V, ID = 5.2 mA
RF Characteristics3 (T
C = 25˚C, F0 = 1.2 GHz unless otherwise noted)
Power Gain
G
P
15.5
16
-
dB
V
DD = 50 V, IDQ = 150 mA, POUT = PSAT
Output Power4
P
OUT
30
35
W
V
DD = 50 V, IDQ = 150 mA, POUT = PSAT
Drain Efficiency4
η
62
65
-
%
V
DD = 50 V, IDQ = 150 mA, POUT = PSAT
Output Mismatch Stress4
VSWR
-
-
10 : 1
Y
No damage at all phase angles,
V
DD = 50 V, IDQ = 150 mA, POUT = 30 W CW
Dynamic Characteristics
Input Capacitance5
C
GS
7.4
pF
V
DS = 50 V, Vgs = -8 V, f = 1 MHz
Output Capacitance5
C
DS
2
pF
V
DS = 50 V, Vgs = -8 V, f = 1 MHz
Feedback Capacitance
C
GD
0.15
pF
V
DS = 50 V, Vgs = -8 V, f = 1 MHz
Notes:
1
Measured on wafer prior to packaging
2
Scaled from PCM data
3
Measured in CGHV40030-AMP
4
P
SAT is defined as IG = 0.52 mA
5
Includes package


Similar Part No. - CGHV40030

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
More results

Similar Description - CGHV40030

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
logo
Cree, Inc
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
   30 W, DC - 6.0 GHz, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
   30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
logo
Cree, Inc
CGHV1F006S CREE-CGHV1F006S Datasheet
5Mb / 22P
   6 W, DC - 18 GHz, 40V, GaN HEMT
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
   10 W, DC - 6 GHz, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGHV1F006S WOLFSPEED-CGHV1F006S Datasheet
3Mb / 22P
   6 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 6.0, 2022-8-3
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
   35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com