Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV40030-TB Datasheet(PDF) 6 Page - Cree, Inc

Part # CGHV40030-TB
Description  30 W, DC - 6 GHz, 50V, GaN HEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV40030-TB Datasheet(HTML) 6 Page - Cree, Inc

Back Button CGHV40030-TB Datasheet HTML 2Page - Cree, Inc CGHV40030-TB Datasheet HTML 3Page - Cree, Inc CGHV40030-TB Datasheet HTML 4Page - Cree, Inc CGHV40030-TB Datasheet HTML 5Page - Cree, Inc CGHV40030-TB Datasheet HTML 6Page - Cree, Inc CGHV40030-TB Datasheet HTML 7Page - Cree, Inc CGHV40030-TB Datasheet HTML 8Page - Cree, Inc CGHV40030-TB Datasheet HTML 9Page - Cree, Inc CGHV40030-TB Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
CGHV40030 Rev 1.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2014-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Package S-Parameters for CGHV40030
(Small Signal, V
DS = 50 V, IDQ = 150 mA, angle in degrees)
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.92
-135.45
21.23
101.31
0.01
16.50
0.32
-74.10
600 MHz
0.92
-143.51
18.06
95.44
0.01
11.72
0.32
-79.66
700 MHz
0.91
-149.71
15.66
90.50
0.01
7.89
0.31
-84.44
800 MHz
0.91
-154.67
13.78
86.16
0.01
4.69
0.32
-88.69
900 MHz
0.91
-158.75
12.27
82.26
0.01
1.97
0.33
-92.58
1.0 GHz
0.91
-162.21
11.04
78.67
0.01
-0.41
0.34
-96.19
1.1 GHz
0.91
-165.20
10.02
75.32
0.01
-2.50
0.35
-99.57
1.2 GHz
0.91
-167.83
9.15
72.16
0.01
-4.34
0.36
-102.79
1.3 GHz
0.91
-170.19
8.41
69.14
0.01
-5.98
0.37
-105.86
1.4 GHz
0.92
-172.34
7.76
66.24
0.01
-7.43
0.39
-108.80
1.5 GHz
0.92
-174.30
7.20
63.45
0.01
-8.69
0.40
-111.64
1.6 GHz
0.92
-176.13
6.70
60.74
0.01
-9.77
0.42
-114.39
1.7 GHz
0.92
-177.83
6.26
58.11
0.01
-10.67
0.43
-117.06
1.8 GHz
0.92
-179.44
5.86
55.54
0.01
-11.39
0.45
-119.65
1.9 GHz
0.92
179.04
5.50
53.03
0.01
-11.90
0.46
-122.18
2.0 GHz
0.92
177.58
5.18
50.58
0.01
-12.20
0.48
-124.64
2.1 GHz
0.92
176.19
4.89
48.17
0.01
-12.26
0.49
-127.05
2.2 GHz
0.92
174.84
4.62
45.81
0.01
-12.07
0.51
-129.41
2.3 GHz
0.93
173.54
4.37
43.50
0.01
-11.60
0.52
-131.72
2.4 GHz
0.93
172.28
4.14
41.22
0.01
-10.82
0.53
-133.98
2.5 GHz
0.93
171.06
3.93
38.98
0.01
-9.70
0.55
-136.21
2.6 GHz
0.93
169.86
3.73
36.78
0.01
-8.20
0.56
-138.39
2.7 GHz
0.93
168.70
3.55
34.62
0.01
-6.30
0.57
-140.53
2.8 GHz
0.93
167.55
3.38
32.49
0.01
-3.97
0.59
-142.63
2.9 GHz
0.93
166.43
3.23
30.39
0.01
-1.18
0.60
-144.70
3.0 GHz
0.94
165.33
3.08
28.33
0.01
2.04
0.61
-146.73
3.2 GHz
0.94
163.18
2.81
24.29
0.01
9.69
0.64
-150.70
3.4 GHz
0.94
161.08
2.57
20.36
0.01
18.36
0.66
-154.54
3.6 GHz
0.94
159.05
2.36
16.55
0.01
27.05
0.68
-158.26
3.8 GHz
0.95
157.05
2.17
12.85
0.01
34.79
0.70
-161.87
4.0 GHz
0.95
155.10
2.00
9.25
0.01
41.04
0.72
-165.37
4.2 GHz
0.95
153.19
1.85
5.75
0.01
45.73
0.73
-168.77
4.4 GHz
0.95
151.31
1.72
2.35
0.01
49.02
0.75
-172.07
4.6 GHz
0.96
149.46
1.59
-0.96
0.01
51.19
0.76
-175.28
4.8 GHz
0.96
147.65
1.48
-4.18
0.01
52.48
0.78
-178.39
5.0 GHz
0.96
145.86
1.37
-7.31
0.01
53.11
0.79
178.58
5.2 GHz
0.96
144.11
1.28
-10.36
0.01
53.24
0.80
175.63
5.4 GHz
0.96
142.38
1.19
-13.33
0.01
52.98
0.82
172.76
5.6 GHz
0.96
140.68
1.11
-16.22
0.02
52.43
0.83
169.97
5.8 GHz
0.97
139.00
1.04
-19.03
0.02
51.65
0.84
167.25
6.0 GHz
0.97
137.35
0.98
-21.76
0.02
50.70
0.85
164.60
To download the s-parameters in s2p format, go to the CGHV40030 Product Page and click on the documentation tab.


Similar Part No. - CGHV40030-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
More results

Similar Description - CGHV40030-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
logo
Cree, Inc
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
   30 W, DC - 6.0 GHz, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
   30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
logo
Cree, Inc
CGHV1F006S CREE-CGHV1F006S Datasheet
5Mb / 22P
   6 W, DC - 18 GHz, 40V, GaN HEMT
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
   10 W, DC - 6 GHz, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGHV1F006S WOLFSPEED-CGHV1F006S Datasheet
3Mb / 22P
   6 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 6.0, 2022-8-3
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
   35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com