Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH177128160ACNRNNFHLWC Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JH177128160ACNRNNFHLWC
Description  SPECIFICATIONS FOR LCD MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH177128160ACNRNNFHLWC Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JH177128160ACNRNNFHLWC Datasheet HTML 1Page - Jewel Hill Electronic JH177128160ACNRNNFHLWC Datasheet HTML 2Page - Jewel Hill Electronic JH177128160ACNRNNFHLWC Datasheet HTML 3Page - Jewel Hill Electronic JH177128160ACNRNNFHLWC Datasheet HTML 4Page - Jewel Hill Electronic JH177128160ACNRNNFHLWC Datasheet HTML 5Page - Jewel Hill Electronic JH177128160ACNRNNFHLWC Datasheet HTML 6Page - Jewel Hill Electronic JH177128160ACNRNNFHLWC Datasheet HTML 7Page - Jewel Hill Electronic JH177128160ACNRNNFHLWC Datasheet HTML 8Page - Jewel Hill Electronic JH177128160ACNRNNFHLWC Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
JH177128160A
VER: 3.01
- 3 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL INFORMATION.
1.1 Description
JH177128160A is a transmissive type color active matrix liquid crystal
display(LCD) which uses amorphous thin film transistor(TFT) as switching
devices. This product is composed of a TFT LCD panel, a drive IC, a FPC
and a LED-backlight unit. The active display area is 1.77 inches diagonally
measured and the native resolution is 128*RGB*160.Features of this product
are listed in the following table.
1.2 Function&Feaures
Item
Contents
Unit
LCD type
TFT
TRANSMISSIVE
/
Color Depth
262/65K
/
Viewing direction
6 O”Clock
/
Module area (WxH)
34.0(W) x 46.7(H)
mm
Active area(WxH)
28.03(W)×35.04(H)
mm
Number of Dots
128x(RGB)x160
dots
Driver IC
HX8353-D(COG)
/
Backligth Type
LED(White,2pcs LED)
/
Interface Type
Standard 8080 system 8 bit Parallel interface
/
Input volygae
2.3-3.3
V
Module weight
5.5
g


Similar Part No. - JH177128160ACNRNNFHLWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH177128160B JHE-JH177128160B Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFCWC JHE-JH177128160BCNDMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFCWN JHE-JH177128160BCNDMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFEWC JHE-JH177128160BCNDMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFEWN JHE-JH177128160BCNDMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH177128160ACNRNNFHLWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com