Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH43480800BCNSMNTFLWC Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JH43480800BCNSMNTFLWC
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH43480800BCNSMNTFLWC Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JH43480800BCNSMNTFLWC Datasheet HTML 1Page - Jewel Hill Electronic JH43480800BCNSMNTFLWC Datasheet HTML 2Page - Jewel Hill Electronic JH43480800BCNSMNTFLWC Datasheet HTML 3Page - Jewel Hill Electronic JH43480800BCNSMNTFLWC Datasheet HTML 4Page - Jewel Hill Electronic JH43480800BCNSMNTFLWC Datasheet HTML 5Page - Jewel Hill Electronic JH43480800BCNSMNTFLWC Datasheet HTML 6Page - Jewel Hill Electronic JH43480800BCNSMNTFLWC Datasheet HTML 7Page - Jewel Hill Electronic JH43480800BCNSMNTFLWC Datasheet HTML 8Page - Jewel Hill Electronic JH43480800BCNSMNTFLWC Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
JH43480800B
VER: 1.0
- 3 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL DESCRIPTION.
JH43480800B model is a Color TFT LCD. This main Module has a 4.3 inch diagonally
measured active display area with 480(RGB)×800 resolution. Each pixel is divided into Red,
Green and Blue sub-pixels and dots which are arranged in vertical stripes.
The LCD color is determined with 262,000 colors signal for each pixel.
The JH43480800B has been designed to apply the interface method that enables low
power, high speed, and high contrast.
JH43480800Bis intended to support applications where thin thickness, wide viewing
angle and low power are critical factors and graphic displays are important.
2. GENERAL FEATURES.
Item
Display Panel
Remark
Display Mode
Normally White, Transmissive LCD
Viewing Direction
9 o’clock
Input Signals
SPI-RGB
Outside Dimensions
62.46(W)*105.9(H)*2.25(T)
Effective Area
-
Active Area
56.16mm(W)×93.6mm(H)
Number of Pixels
480×RGB×800Pixels
Pixel Pitch
0.039mm(H)×0.117mm(W)
Pixel Arrangement
RGB Vertical stripes
Drive IC
NT35510
3.Absolute Maximum Ratings
The following are maximum values which, if exceeded may cause operation or damage to
the unit.
ITEM
Symbol
Min.
Typ.
Max.
Unit
Remark
Power for Circuit Driving
VDD
-0.3
-
3.3
V
Power for Circuit Logic
VCI
-0.3
-
4.6
V
LC Operating Voltage *1)
Vop
-
V
LED Forward Voltage
VBBBBBBBBBfBBBBBBBBB
25.4
25.6
25.8
V
LED Forward Current
If
-
15
-
mA
LED Luminance
BBBBBBBBBBPBBBBBBBBB
4000
-
-
cd/mPPPPPPPPP2PPPPPPPPPPPPPPPPPPPPPPP
Storage Humidity
HBBBBBBBBBSTBBBBBBBBB
10
-
90
%RH
Storage Temperature
T
BBBBBBBBB
ST
BBBBBBBBB
-30
-
80
Operating Ambient Humidity
H
BBBBBBBBB
OP
BBBBBBBBB
10
-
90
%RH
Operating Ambient temperature
T
BBBBBBBBB
OP
BBBBBBBBB
-20
-
70
At
25±5℃


Similar Part No. - JH43480800BCNSMNTFLWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH43480800A JHE-JH43480800A Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH43480800ACNDMNFFCWC JHE-JH43480800ACNDMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH43480800ACNDMNFFCWN JHE-JH43480800ACNDMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH43480800ACNDMNFFEWC JHE-JH43480800ACNDMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH43480800ACNDMNFFEWN JHE-JH43480800ACNDMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH43480800BCNSMNTFLWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com