Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8302DCAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8302DCAR
Description  Three Phase Gate Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8302DCAR Datasheet(HTML) 1 Page - Texas Instruments

  DRV8302DCAR Datasheet HTML 1Page - Texas Instruments DRV8302DCAR Datasheet HTML 2Page - Texas Instruments DRV8302DCAR Datasheet HTML 3Page - Texas Instruments DRV8302DCAR Datasheet HTML 4Page - Texas Instruments DRV8302DCAR Datasheet HTML 5Page - Texas Instruments DRV8302DCAR Datasheet HTML 6Page - Texas Instruments DRV8302DCAR Datasheet HTML 7Page - Texas Instruments DRV8302DCAR Datasheet HTML 8Page - Texas Instruments DRV8302DCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DRV8302
PWM
8 to 60 V
Gate Drive
Sense
3-Phase
Brushless
Gate
Driver
Buck
Converter
HW Control
nFAULT
nOCTW
Vcc (Buck)
Diff Amps
M
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV8302
SLES267C – AUGUST 2011 – REVISED MARCH 2016
DRV8302 Three Phase Gate Driver With Dual Current Shunt Amplifiers and
Buck Regulator – Hardware Controlled
1
1 Features
1
8-V to 60-V Operating Supply Voltage Range
1.7-A Source and 2.3-A Sink Gate Drive Current
Capability
Bootstrap Gate Driver With 100% Duty Cycle
Support
6 or 3 PWM Input Modes
Dual Integrated Current Shunt Amplifiers With
Adjustable Gain and Offset
3.3-V and 5-V Interface Support
Hardware Control Interface
Protection Features:
Programmable Dead Time Control (DTC)
Programmable Overcurrent Protection (OCP)
PVDD and GVDD Undervoltage Lockout
(UVLO)
GVDD Overvoltage Lockout (OVLO)
Overtemperature Warning/Shutdown
(OTW/OTS)
Reported through nFAULT and nOCTW pins
2 Applications
3-Phase BLDC and PMSM Motors
CPAP and Pumps
E-Bikes
Power Tools
Robotics and RC Toys
Industrial Automation
3 Description
The DRV8302 is a gate driver IC for three phase
motor drive applications. It provides three half bridge
drivers, each capable of driving two N-channel
MOSFETs. The device supports up to 1.7-A source
and 2.3-A peak current capability. The DRV8302 can
operate off of a single power supply with a wide
range from 8-V to 60-V. It uses a bootstrap gate
driver architecture with trickle charge circuitry to
support 100% duty cycle. The DRV8302 uses
automatic hand shaking when the high side or low
side MOSFET is switching to prevent current shoot
through. Integrated VDS sensing of the high and low
side MOSFETs is used to protect the external power
stage against overcurrent conditions.
The DRV8303 includes two current shunt amplifiers
for accurate current measurement. The amplifiers
support bi-directional current sensing and provide and
adjustable output offset up to 3 V.
The DRV8302 also includes an integrated switching
mode buck converter with adjustable output and
switching frequency. The buck converter can provide
up to 1.5 A to support MCU or additional system
power needs.
A hardware interface allows for configuring various
device parameters including dead time, overcurrent,
PWM mode, and amplifier settings. Error conditions
are reported through the nFAULT and nOCTW pins.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8302
HTSSOP (56)
14.00 mm × 6.10 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DRV8302DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8302DCAR TI1-DRV8302DCAR Datasheet
351Kb / 21P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator ??Hardware Controlled
AUGUST2011
More results

Similar Description - DRV8302DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com