Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV83053PHPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV83053PHPR
Description  Three Phase Gate Driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV83053PHPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV83053PHPR Datasheet HTML 7Page - Texas Instruments DRV83053PHPR Datasheet HTML 8Page - Texas Instruments DRV83053PHPR Datasheet HTML 9Page - Texas Instruments DRV83053PHPR Datasheet HTML 10Page - Texas Instruments DRV83053PHPR Datasheet HTML 11Page - Texas Instruments DRV83053PHPR Datasheet HTML 12Page - Texas Instruments DRV83053PHPR Datasheet HTML 13Page - Texas Instruments DRV83053PHPR Datasheet HTML 14Page - Texas Instruments DRV83053PHPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
11
DRV8305
www.ti.com
SLVSCX2B – AUGUST 2015 – REVISED FEBRUARY 2016
Product Folder Links: DRV8305
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
PVDD = 4.4 to 45 V, TA = 25°C, unless specified under test condition
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Specified by design and characterization data
IVO
Output short circuit current
SOx shorted to ground
20
mA
UGB
Unity gain bandwidth
product
GCSA = 10
2
MHz
VOLTAGE PROTECTION
VAVDD_UVLO
AVDD undervoltage Fault
Relative to GND
3.3
3.5
V
VVREG_UV
VREG undervoltage Fault
VREG_UV_LEVEL = 00
VSET-10%
V
VREG_UV_LEVEL = 01
VSET-20%
VREG_UV_LEVEL = 10
VSET-30%
VREG_UV_LEVEL = 11
VSET-30%
VVREG_UV_DGL
VREG undervoltage monitor
deglitch time
1.5
2
µs
VPVDD_UVFL
Undervoltage protection
Warning, PVDD
PVDD falling
7.7
8.1
V
PVDD rising
7.9
8.3
VPVDD_UVLO1
Undervoltage protection
lockout, PVDD
PVDD falling
4.1
V
PVDD rising
4.3
VPVDD_UVLO2
Undervoltage protection
Fault, PVDD
PVDD falling
4.2
4.4
V
PVDD rising
4.4
4.6
VPVDD_OVFL
Overvoltage protection
Warning, PVDD
PVDD falling
33.5
36
V
PVDD rising
32.5
35
VVCPH_UVFL
Charge pump undervoltage
protection Warning, VCPH
Relative to PVDD
8
V
VVCPH_UVLO
Charge pump undervoltage
protection Fault, VCPH
Relative to PVDD, SET_VCPH_UV = 0
4.5
4.9
V
Relative to PVDD, SET_VCPH_UV = 1
4.2
4.6
VVCP_LSD_UVLO
Low-side charge pump
undervoltage Fault,
VCP_LSD
Relative to PVDD
6.4
7.5
V
VVCPH_OVLO
Charge pump over voltage
protection FAULT, VCPH
Relative to PVDD
14
18
V
VVCPH_OVLO_ABS
Charge pump over voltage
protection FAULT, VCPH
Relative to GND
60
V
TEMPERATURE PROTECTION
OTW_CLR
Junction temperature for
resetting over temperature
(OT) warning(1)
140
°C
OTW_SET/
OTSD_CLR
Junction temperature for
over temperature warning
and resetting over
temperature shutdown(1)
155
°C
OTSD_SET
Junction temperature for
over temperature
shutdown(1)
175
°C
TEMPFLAG1
Junction temperature flag
setting 1 (no warning)(1)
105
°C
TEMPFLAG2
Junction temperature flag
setting 2 (no warning)(1)
125
°C
TEMPFLAG3
Junction temperature flag
setting 3 (no warning)(1)
135
°C
TEMPFLAG4
Junction temperature flag
setting 4 (no warning)(1)
175
°C


Similar Part No. - DRV83053PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV83053QPHPQ1 TI1-DRV83053QPHPQ1 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV83053QPHPRQ1 TI1-DRV83053QPHPRQ1 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
More results

Similar Description - DRV83053PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com