Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8305NPHP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8305NPHP
Description  Three Phase Gate Driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8305NPHP Datasheet(HTML) 4 Page - Texas Instruments

  DRV8305NPHP Datasheet HTML 1Page - Texas Instruments DRV8305NPHP Datasheet HTML 2Page - Texas Instruments DRV8305NPHP Datasheet HTML 3Page - Texas Instruments DRV8305NPHP Datasheet HTML 4Page - Texas Instruments DRV8305NPHP Datasheet HTML 5Page - Texas Instruments DRV8305NPHP Datasheet HTML 6Page - Texas Instruments DRV8305NPHP Datasheet HTML 7Page - Texas Instruments DRV8305NPHP Datasheet HTML 8Page - Texas Instruments DRV8305NPHP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
4
DRV8305
SLVSCX2B – AUGUST 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV8305
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
SP3
20
I
Current amplifier positive input
Positive input of current sense amplifier 3
SN2
21
I
Current amplifier negative input
Negative input of current sense amplifier 2
SP2
22
I
Current amplifier positive input
Positive input of current sense amplifier 2
SN1
23
I
Current amplifier negative input
Negative input of current sense amplifier 1
SP1
24
I
Current amplifier positive input
Positive input of current sense amplifier 1
GLC
25
O
Low-side gate driver
Low-side gate driver output for half-bridge C
SLC
26
I
Low-side source connection
Low-side source connection for half-bridge C
SHC
27
I
High-side source connection
High-side source connection for half-bridge C
GHC
28
O
High-side gate driver
High-side gate driver output for half-bridge C
GHB
29
O
High-side gate driver
High-side gate driver output for half-bridge B
SHB
30
I
High-side source connection
High-side source connection for half-bridge B
SLB
31
I
Low-side source connection
Low-side source connection for half-bridge B
GLB
32
O
Low-side gate driver
Low side gate driver output for half-bridge B
GLA
33
O
Low-side gate driver
Low-side gate driver output for half-bridge A
SLA
34
I
Low-side source connection
Low-side source connection for half-bridge A
SHA
35
I
High-side source connection
High-side source connection for half-bridge A
GHA
36
O
High-side gate driver
High-side gate driver output for half-bridge A
VCP_LSD
37
P
Low-side gate driver regulator
Internal voltage regulator for low-side gate driver; connect 1-µF
capacitor to GND
VCPH
38
P
High-side gate driver regulator
Internal charge pump for high-side gate driver; connect 2.2-µF
capacitor to PVDD
CP2H
39
P
Charge pump flying capacitor
Flying capacitor for charge pump; connect 0.047-µF capacitor
between CP2H and CP2L
CP2L
40
P
PVDD
41
P
Power supply
Device power supply; minimum 4.7-µF ceramic capacitor to
GND
CP1L
42
P
Charge pump flying capacitor
Flying capacitor for charge pump; connect 0.047-µF capacitor
between CP1H and CP1L
CP1H
43
P
VDRAIN
44
P
High-side drain
High-side MOSFET drain connection; common for all three half
bridges
DVDD
46
P
Digital regulator
3.3-V internal digital-supply regulator; bypass to GND with a 6.3-
V, 1-µF ceramic capacitor
WAKE
47
I
Wake up from sleep control pin
High voltage tolerant input pin to wake-up device from SLEEP;
pin cannot be used to disable LDO; driver needs to be enabled
and disabled separately
VREG
48
P
VREG/VREF
Dual purpose pin based on part number; also supplies internal
amplifier reference voltage and SDO pullup.
VREG: 3.3-V or 5-V, 50-mA LDO; connect 1-µF to GND
VREF: Reference voltage; LDO disabled
PowerPAD (GND)
P
Device ground
Must be connected to ground


Similar Part No. - DRV8305NPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8305NEPHPQ1 TI1-DRV8305NEPHPQ1 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305NEPHPRQ1 TI1-DRV8305NEPHPRQ1 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305NQPHPQ1 TI1-DRV8305NQPHPQ1 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305NQPHPRQ1 TI1-DRV8305NQPHPRQ1 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
More results

Similar Description - DRV8305NPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com