Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8312DDW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8312DDW
Description  Three-Phase PWM Motor Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8312DDW Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8312DDW Datasheet HTML 5Page - Texas Instruments DRV8312DDW Datasheet HTML 6Page - Texas Instruments DRV8312DDW Datasheet HTML 7Page - Texas Instruments DRV8312DDW Datasheet HTML 8Page - Texas Instruments DRV8312DDW Datasheet HTML 9Page - Texas Instruments DRV8312DDW Datasheet HTML 10Page - Texas Instruments DRV8312DDW Datasheet HTML 11Page - Texas Instruments DRV8312DDW Datasheet HTML 12Page - Texas Instruments DRV8312DDW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
0
100
10
20
30
40
50
60
70
80
90
Input Duty Cycle (%)
90
60
100
0
70
40
20
10
30
50
80
1.6
0.4
0.6
0.8
1.0
T – Junction Temperature – C
J
o
80
40
120
–40
60
20
–20
0
100
1.2
1.4
140
–1
5
0
1
2
3
Voltage (V)
1.2
0.8
0
1
0.6
0.2
0.4
4
6
1.10
0.96
1.00
0.98
1.02
1.04
Gate Drive (V)
11.0
10.0
8.0
10.5
9.5
8.5
9.0
11.5
1.06
1.08
12
0
100
40
50
60
70
80
90
Switching Frequency (kHz)
0
100 150 200 250 300 350 400 450 500
50
10
20
30
DRV8312, DRV8332
www.ti.com
SLES256E – MAY 2010 – REVISED DECEMBER 2014
7.8 Typical Characteristics
Full Bridge Load: 5
TJ = 25ºC
A; PVDD = 50 V; Tc
= 75ºC
Figure 2. Normalized RDS(on) vs Gate Drive
Figure 1. Efficiency vs Switching Frequency (DRV8332)
TJ = 25ºC
GVDD = 12 V
Figure 4. Drain To Source Diode Forward
Figure 3. Normalized RDS(on) vs Junction Temperature
On Characteristics
FS = 500 kHz; TC = 25ºC
Figure 5. Output Duty Cycle vs Input Duty Cycle
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV8312 DRV8332


Similar Part No. - DRV8312DDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8312DDW TI-DRV8312DDW Datasheet
981Kb / 28P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312DDW TI-DRV8312DDW Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312DDW TI-DRV8312DDW Datasheet
1Mb / 32P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312DDWR TI-DRV8312DDWR Datasheet
981Kb / 28P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312DDWR TI-DRV8312DDWR Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
More results

Similar Description - DRV8312DDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_11 Datasheet
1Mb / 32P
[Old version datasheet]   Three Phase PWM Motor Driver
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
   DMOS THREE-PHASE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
[Old version datasheet]   DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
   DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8317 TI-DRV8317 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8317 Three-Phase PWM Motor Driver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com