Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8305NEPHPRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8305NEPHPRQ1
Description  Three-Phase Automotive Gate Driver
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8305NEPHPRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  DRV8305NEPHPRQ1 Datasheet HTML 1Page - Texas Instruments DRV8305NEPHPRQ1 Datasheet HTML 2Page - Texas Instruments DRV8305NEPHPRQ1 Datasheet HTML 3Page - Texas Instruments DRV8305NEPHPRQ1 Datasheet HTML 4Page - Texas Instruments DRV8305NEPHPRQ1 Datasheet HTML 5Page - Texas Instruments DRV8305NEPHPRQ1 Datasheet HTML 6Page - Texas Instruments DRV8305NEPHPRQ1 Datasheet HTML 7Page - Texas Instruments DRV8305NEPHPRQ1 Datasheet HTML 8Page - Texas Instruments DRV8305NEPHPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
2
DRV8305-Q1
SLVSD12A – MAY 2015 – REVISED MARCH 2016
www.ti.com
Product Folder Links: DRV8305-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ....................... 6
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics........................................... 7
6.6
SPI Timing Requirements (Slave Mode Only) ........ 13
6.7
Typical Characteristics ............................................ 14
7
Detailed Description ............................................ 15
7.1
Overview ................................................................. 15
7.2
Functional Block Diagram ....................................... 16
7.3
Feature Description................................................. 17
7.4
Device Functional Modes........................................ 32
7.5
Programming........................................................... 34
7.6
Register Maps ......................................................... 36
8
Application and Implementation ........................ 44
8.1
Application Information............................................ 44
8.2
Typical Application .................................................. 45
9
Power Supply Recommendations ...................... 48
9.1
Bulk Capacitance ................................................... 48
10
Layout................................................................... 49
10.1
Layout Guidelines ................................................. 49
10.2
Layout Example .................................................... 49
11
Device and Documentation Support ................. 50
11.1
Documentation Support ........................................ 50
11.2
Community Resources.......................................... 50
11.3
Trademarks ........................................................... 50
11.4
Electrostatic Discharge Caution ............................ 50
11.5
Glossary ................................................................ 50
12
Mechanical, Packaging, and Orderable
Information ........................................................... 50
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (May 2015) to Revision A
Page
Device preview datasheet updated with preliminary electrical characteristics and functional descriptions .......................... 1
Updated the y-axis units to µA for Figure 4.......................................................................................................................... 14


Similar Part No. - DRV8305NEPHPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8305NPHP TI1-DRV8305NPHP Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8305NPHPR TI1-DRV8305NPHPR Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
More results

Similar Description - DRV8305NEPHPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
   Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com