Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8313PWP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8313PWP
Description  2.5-A Triple 1/2-H Bridge Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8313PWP Datasheet(HTML) 4 Page - Texas Instruments

  DRV8313PWP Datasheet HTML 1Page - Texas Instruments DRV8313PWP Datasheet HTML 2Page - Texas Instruments DRV8313PWP Datasheet HTML 3Page - Texas Instruments DRV8313PWP Datasheet HTML 4Page - Texas Instruments DRV8313PWP Datasheet HTML 5Page - Texas Instruments DRV8313PWP Datasheet HTML 6Page - Texas Instruments DRV8313PWP Datasheet HTML 7Page - Texas Instruments DRV8313PWP Datasheet HTML 8Page - Texas Instruments DRV8313PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
DRV8313
SLVSBA5C – OCTOBER 2012 – REVISED NOVEMBER 2015
www.ti.com
Product Folder Links: DRV8313
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE (1)
DESCRIPTION
NAME
NO.
PWP
RHH
nRESET
16
26
I
Reset input. Active-low reset input initializes internal logic, clears faults, and disables
the outputs, internal pulldown
nSLEEP
17
27
I
Sleep mode input. Logic high to enable device; logic low to enter low-power sleep
mode; internal pulldown
OUT1
5
10
O
Half-H bridge output, connect to the load
OUT2
8
13
O
Half-H bridge output, connect to the load
OUT3
9
15
O
Half-H bridge output, connect to the load
PGND1
6
11
PWR
Low-side FET source. Connect to GND or to low-side current-sense resistors
PGND2
7
12
PWR
Low-side FET source. Connect to GND or to low-side current-sense resistors
PGND3
10
16
PWR
Low-side FET source. Connect to GND or to low-side current-sense resistors
V3P3
15
25
PWR
Internal regulator. Internal supply voltage; bypass to GND with a 6.3 V, 0.47 µF
ceramic capacitor; up to 10-mA external load
VCP
3
7
PWR
Charge pump. Connect a 16 V, 0.1 µF ceramic capacitor to VM
VM
4, 11
9, 19
PWR
Power supply. Connect to motor supply voltage; bypass to GND with two 0.1 µF (for
each pin) plus one bulk capacitor rated for VM
Thermal pad
PWR
Must be connected to ground
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Power-supply voltage (VM)
–0.3
65
V
Power supply voltage ramp rate (VM)
0
2
V/µs
Charge pump voltage (VCP, CPH)
–0.3
VM + 12
V
Charge pump negative switching pin (CPL)
–0.3
VM
V
Internal regulator current output (V3P3)
0
10
mA
Internal regulator voltage (V3P3)
–0.3
3.8
V
Control pin voltage (nRESET, nSLEEP, nFAULT, nCOMPO, ENx, INx)
–0.5
7
V
Comparator input-voltage (COMPP, COMPN)
–0.5
7
V
Open drain output current (nFAULT, nCOMPO)
0
10
mA
Continuous phase node pin voltage (OUTx)
–0.7
VM + 0.7
V
Continuous 1/2-H-bridge source voltage (PGNDx)
–600
600
mV
Peak output current (OUTx)
Internally limited
A
Operating junction temperature TJ
–40
150
°C
Storage temperature Tstg
–60
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins (1)
±3000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
pins (2)
±1500


Similar Part No. - DRV8313PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8313PWP TI-DRV8313PWP Datasheet
870Kb / 19P
[Old version datasheet]   The DRV8313 provides three individually controllable half-H-bridge drivers.
DRV8313PWP TI1-DRV8313PWP Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8313PWPR TI-DRV8313PWPR Datasheet
870Kb / 19P
[Old version datasheet]   The DRV8313 provides three individually controllable half-H-bridge drivers.
DRV8313PWPR TI1-DRV8313PWPR Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
More results

Similar Description - DRV8313PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A Dual H-Bridge Motor Driver
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
[Old version datasheet]   DRV8881 2.5-A Dual H-Bridge Motor Driver
DRV8844 TI1-DRV8844 Datasheet
705Kb / 17P
[Old version datasheet]   QUAD 1/2-H-BRIDGE DRIVER IC
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
[Old version datasheet]   1-A Low-Voltage H-Bridge Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
   5 V, 1 A H-Bridge Motor Driver
Rev. B, 10-Dec-12
SIP2100 VISHAY-SIP2100_V01 Datasheet
173Kb / 7P
   5 V, 1 A H-Bridge Motor Driver
08-Feb-17
logo
Texas Instruments
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
[Old version datasheet]   LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
logo
Shenzhen Huazhimei Semi...
HM9110A HMSEMI-HM9110A Datasheet
925Kb / 9P
   2.5-12.0V 1.2A single channel H-bridge driver
HM2512D HMSEMI-HM2512D Datasheet
897Kb / 9P
   2.5-10.0V 1.5A single channel H-bridge driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com