Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8704 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8704
Description  Dual H-Bridge PWM Gate Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8704 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8704 Datasheet HTML 7Page - Texas Instruments DRV8704 Datasheet HTML 8Page - Texas Instruments DRV8704 Datasheet HTML 9Page - Texas Instruments DRV8704 Datasheet HTML 10Page - Texas Instruments DRV8704 Datasheet HTML 11Page - Texas Instruments DRV8704 Datasheet HTML 12Page - Texas Instruments DRV8704 Datasheet HTML 13Page - Texas Instruments DRV8704 Datasheet HTML 14Page - Texas Instruments DRV8704 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Gate Driver
Gate Driver
VM
VM
0.01 µF
Bulk
Power
VCP
CP2
CP1
1.8-V LDO
5.0-V LDO
VGLS LDO
VINT
V5
0.1 µF
Charge
Pump
1 µF
VM
1 µF
0.1 µF
10 mA
AIN1
AIN2
BIN1
Output
SDATO
nFAULT
A2LS
AOUT2
A2HS
VCP
VGLS
HS
LS
A1LS
AOUT1
A1HS
VCP
VGLS
HS
LS
VM
VM
RSENSE
+
-
AV
AISENP
AISENN
GND
GND
PPAD
BDC
VREF
DAC
Gate Driver
Gate Driver
B2LS
BOUT2
B2HS
VCP
VGLS
HS
LS
B1LS
BOUT1
B1HS
VCP
VGLS
HS
LS
VM
VM
RSENSE
+
-
AV
BISENP
BISENN
BDC
DAC
VREF
+
BIN2
SLEEPn
RESET
SCS
SCLK
SDATI
Control
Inputs
Serial
Interface
Logic
Protection
Overcurrent
Undervoltage
Thermal
Gate Drive
DRV8704
www.ti.com
SLVSD29 – OCTOBER 2015
7.2 Functional Block Diagram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV8704


Similar Part No. - DRV8704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8701 TI-DRV8701 Datasheet
1Mb / 42P
[Old version datasheet]   DRV8701 Brushed DC Motor Full-Bridge Gate Driver
DRV8701ERGER TI-DRV8701ERGER Datasheet
1Mb / 42P
[Old version datasheet]   DRV8701 Brushed DC Motor Full-Bridge Gate Driver
DRV8701ERGET TI-DRV8701ERGET Datasheet
1Mb / 42P
[Old version datasheet]   DRV8701 Brushed DC Motor Full-Bridge Gate Driver
DRV8701PRGER TI-DRV8701PRGER Datasheet
1Mb / 42P
[Old version datasheet]   DRV8701 Brushed DC Motor Full-Bridge Gate Driver
DRV8701PRGET TI-DRV8701PRGET Datasheet
1Mb / 42P
[Old version datasheet]   DRV8701 Brushed DC Motor Full-Bridge Gate Driver
More results

Similar Description - DRV8704

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8018W SANYO-LV8018W Datasheet
114Kb / 7P
   4ch PWM H-bridge Driver
logo
Allegro MicroSystems
A5957 ALLEGRO-A5957 Datasheet
335Kb / 10P
   Full-Bridge PWM Gate Driver
A4955 ALLEGRO-A4955 Datasheet
378Kb / 11P
   Full-Bridge PWM Gate Driver
A4956 ALLEGRO-A4956 Datasheet
376Kb / 11P
   Full-Bridge PWM Gate Driver
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
   H-Bridge Gate Driver IC
logo
Texas Instruments
DRV8702-Q1 TI1-DRV8702-Q1 Datasheet
127Kb / 6P
[Old version datasheet]   Automotive H-Bridge Gate Driver
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
536Kb / 21P
   H-Bridge Gate Driver IC
MC33883 FREESCALE-MC33883_12 Datasheet
617Kb / 21P
   H-Bridge Gate Driver IC
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
   DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com