Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8313PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8313PWPR
Description  2.5-A Triple 1/2-H Bridge Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8313PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8313PWPR Datasheet HTML 6Page - Texas Instruments DRV8313PWPR Datasheet HTML 7Page - Texas Instruments DRV8313PWPR Datasheet HTML 8Page - Texas Instruments DRV8313PWPR Datasheet HTML 9Page - Texas Instruments DRV8313PWPR Datasheet HTML 10Page - Texas Instruments DRV8313PWPR Datasheet HTML 11Page - Texas Instruments DRV8313PWPR Datasheet HTML 12Page - Texas Instruments DRV8313PWPR Datasheet HTML 13Page - Texas Instruments DRV8313PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Power
0.01µF
Charge
Pump
VCP
CP1
CP2
VM
0.1µF
10µF
GND
GND
PPAD
VCP
Regulators
IN1
EN1
IN2
EN2
IN3
Core
Logic
Control
Inputs
VM
GND
V3P3
0.47µF
OUT1
VM
Pre-
driver
VCP
PGND1
OCP
OUT2
VM
Pre-
driver
VCP
PGND2
OCP
OUT3
VM
Pre-
driver
VCP
PGND3
OCP
RSENSE
(optional)
RSENSE
(optional)
RSENSE
(optional)
COMPP
_
+
COMPN
Outputs
COMPO
FAULT
VMCU
VMCU
EN3
RESET
SLEEP
Protection
Overcurrent
monitors
Temperature
Sensor
Undervoltage
monitor
8 VÅ60 V
10 mA
max
3.3 V
10
DRV8313
SLVSBA5C – OCTOBER 2012 – REVISED NOVEMBER 2015
www.ti.com
Product Folder Links: DRV8313
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The DRV8313 integrates three independent 2.5-A half-H bridges, protection circuits, sleep mode, fault reporting,
and a comparator. Its single power supply supports a wide 8-V to 60-V range, making it well-suited for motor
drive applications.
7.2 Functional Block Diagram


Similar Part No. - DRV8313PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8313PWPR TI-DRV8313PWPR Datasheet
870Kb / 19P
[Old version datasheet]   The DRV8313 provides three individually controllable half-H-bridge drivers.
DRV8313PWPR TI1-DRV8313PWPR Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
More results

Similar Description - DRV8313PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A Dual H-Bridge Motor Driver
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
[Old version datasheet]   DRV8881 2.5-A Dual H-Bridge Motor Driver
DRV8844 TI1-DRV8844 Datasheet
705Kb / 17P
[Old version datasheet]   QUAD 1/2-H-BRIDGE DRIVER IC
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
[Old version datasheet]   1-A Low-Voltage H-Bridge Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
   5 V, 1 A H-Bridge Motor Driver
Rev. B, 10-Dec-12
SIP2100 VISHAY-SIP2100_V01 Datasheet
173Kb / 7P
   5 V, 1 A H-Bridge Motor Driver
08-Feb-17
logo
Texas Instruments
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
[Old version datasheet]   LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
logo
Shenzhen Huazhimei Semi...
HM9110A HMSEMI-HM9110A Datasheet
925Kb / 9P
   2.5-12.0V 1.2A single channel H-bridge driver
HM2512D HMSEMI-HM2512D Datasheet
897Kb / 9P
   2.5-10.0V 1.5A single channel H-bridge driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com