Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH35320480ACNSWNFZEWC Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JH35320480ACNSWNFZEWC
Description  SPECIFICATIONS FOR LCD MODULE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH35320480ACNSWNFZEWC Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JH35320480ACNSWNFZEWC Datasheet HTML 1Page - Jewel Hill Electronic JH35320480ACNSWNFZEWC Datasheet HTML 2Page - Jewel Hill Electronic JH35320480ACNSWNFZEWC Datasheet HTML 3Page - Jewel Hill Electronic JH35320480ACNSWNFZEWC Datasheet HTML 4Page - Jewel Hill Electronic JH35320480ACNSWNFZEWC Datasheet HTML 5Page - Jewel Hill Electronic JH35320480ACNSWNFZEWC Datasheet HTML 6Page - Jewel Hill Electronic JH35320480ACNSWNFZEWC Datasheet HTML 7Page - Jewel Hill Electronic JH35320480ACNSWNFZEWC Datasheet HTML 8Page - Jewel Hill Electronic JH35320480ACNSWNFZEWC Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
JH35320480A
VER: 0.1
- 3 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL INFORMATION.
1.1. Description.
The
JH35320480A model is a Color TFT LCD .This main Module has a 3.5 inch
diagonally measured active display area with 320(RGB)×480 resolution. Each pixel is
divided into Red, Green and Blue sub-pixels and dots which are arranged in vertical stripes.
The LCD color is determined with 262,000 colors signal for each pixel.
The
JH35320480A has been designed to apply the interface method that enables low
power, high speed, and high contrast.
The
JH35320480A is intended to support applications where thin thickness, full viewing
angle and low power are critical factors and graphic displays are important.
1.2. Function&Feaures.
Item
Contents
Unit
LCD type
TFT
/
Viewing direction
Full viewin angle
/
Module area (WxHxT)
55.44(W) x 85.00(H)x2.05
mm
Active area(WxH)
48.96(W)×73.44(H)
mm
Number of Dots
320x(RGB)x480Pixels
dots
Pixel Pitch
0.1545x0.1545
mm
Interface Type
System parallel interface
/
Colour
262k
/
Driver IC
RM68040(COG)
/
Backligth Type
LED(White,6pcs LED)
/
Module power consumption
305
mW
Input volygae
2.8
V


Similar Part No. - JH35320480ACNSWNFZEWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH35320480B JHE-JH35320480B Datasheet
1Mb / 22P
   SPECIFICATIONS FOR LCD MODULE
JH35320480BCNDMNFFCWC JHE-JH35320480BCNDMNFFCWC Datasheet
1Mb / 22P
   SPECIFICATIONS FOR LCD MODULE
JH35320480BCNDMNFFCWN JHE-JH35320480BCNDMNFFCWN Datasheet
1Mb / 22P
   SPECIFICATIONS FOR LCD MODULE
JH35320480BCNDMNFFEWC JHE-JH35320480BCNDMNFFEWC Datasheet
1Mb / 22P
   SPECIFICATIONS FOR LCD MODULE
JH35320480BCNDMNFFEWN JHE-JH35320480BCNDMNFFEWN Datasheet
1Mb / 22P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH35320480ACNSWNFZEWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com