Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8818 Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV8818
Description  Stepper Motor Controller IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8818 Datasheet(HTML) 1 Page - Texas Instruments

  DRV8818_16 Datasheet HTML 1Page - Texas Instruments DRV8818_16 Datasheet HTML 2Page - Texas Instruments DRV8818_16 Datasheet HTML 3Page - Texas Instruments DRV8818_16 Datasheet HTML 4Page - Texas Instruments DRV8818_16 Datasheet HTML 5Page - Texas Instruments DRV8818_16 Datasheet HTML 6Page - Texas Instruments DRV8818_16 Datasheet HTML 7Page - Texas Instruments DRV8818_16 Datasheet HTML 8Page - Texas Instruments DRV8818_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
8 to 35 V
DRV8818
Stepper
Motor Driver
STEP
DIR
HOMEn
Controller
Protection
Step Size
M
2.5 A
2.5 A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV8818
SLVSAX9E – SEPTEMBER 2011 – REVISED JANUARY 2016
DRV8818 Stepper Motor Controller IC
1
1 Features
1
Pulse Width Modulation (PWM) Microstepping
Motor Driver
Built-In Microstepping Indexer
Up to 8 Microsteps/Step
Step and Direction Control
Programmable Mixed Decay, Blanking, and Off
Time
Up to 2.5-A Current Per Winding
Low 0.37-
Ω (HS + LS) MOSFET RDS(ON) (25°C)
8-V to 35-V Operating Supply Voltage Range
Pin to Pin Upgrade for DRV8811 With Lower
RDS(ON)
Thermally-Enhanced Surface Mount Package
Protection Features
VM Undervoltage Lockout (UVLO)
Overcurrent Protection (OCP)
Thermal Shutdown (TSD)
2 Applications
Printers
Textile Machinery
Positioning/Tracking
Factory Automation
Robotics
3 Description
The DRV8818 provides an integrated stepper motor
driver solution for printers, scanners, and other
automated equipment applications. The device has
two H-bridge drivers, as well as microstepping
indexer logic to control a stepper motor.
The output driver block for each consists of N-
channel power MOSFETs configured as full H-
bridges to drive the motor windings.
A simple STEP/DIRECTION interface allows easy
interfacing to controller circuits. The mode pins allow
for configuration of the motor in full-step, half-step,
quarter-step, or eighth-step modes. Decay mode and
PWM off time are programmable.
Internal shutdown functions are provided for over
current protection, short circuit protection, under-
voltage lockout and overtemperature.
The DRV8818 is packaged in a 28-pin HTSSOP
package with PowerPAD™.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8818
HTSSOP (28)
9.70 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - DRV8818_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8818 TI1-DRV8818_12 Datasheet
714Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI-DRV8818_15 Datasheet
1Mb / 31P
[Old version datasheet]   DRV8818 Stepper Motor Controller IC
More results

Similar Description - DRV8818_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8711 TI-DRV8711 Datasheet
1Mb / 36P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8811 TI-DRV8811 Datasheet
862Kb / 19P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_12 Datasheet
714Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_14 Datasheet
1Mb / 36P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com