Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8804PWP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8804PWP
Description  Quad Serial Interface Low-Side Driver IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8804PWP Datasheet(HTML) 3 Page - Texas Instruments

  DRV8804PWP Datasheet HTML 1Page - Texas Instruments DRV8804PWP Datasheet HTML 2Page - Texas Instruments DRV8804PWP Datasheet HTML 3Page - Texas Instruments DRV8804PWP Datasheet HTML 4Page - Texas Instruments DRV8804PWP Datasheet HTML 5Page - Texas Instruments DRV8804PWP Datasheet HTML 6Page - Texas Instruments DRV8804PWP Datasheet HTML 7Page - Texas Instruments DRV8804PWP Datasheet HTML 8Page - Texas Instruments DRV8804PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
2
3
4
5
6
7
8
9
10
14
13
12
11
15
16
17
18
19
20
nFAULT
SDATOUT
SDATIN
SCLK
GND
GND
GND
LATCH
NC
RESET
OUT4
nENBL
GND
OUT3
GND
GND
OUT1
OUT2
VM
VCLAMP
1
2
3
4
5
6
7
8
10
9
11
12
13
14
15
16
nFAULT
SDATOUT
SDATIN
SCLK
GND
LATCH
NC
RESET
nENBL
OUT3
OUT4
GND
OUT1
OUT2
VM
VCLAMP
GND
DRV8804
www.ti.com
SLVSAW4F – JULY 2011 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DW (Wide SOIC) Package
PWP (HTSSOP)
20-Pin Package
16-Pin Package
Top View
Top View
Pin Functions
PIN
EXTERNAL COMPONENTS
I/O(1)
DESCRIPTION
OR CONNECTIONS
NAME
SOIC
HTSSOP
POWER AND GROUND
5, 6, 7,
5, 12,
GND
Device ground
All pins must be connected to GND.
14, 15, 16
PPAD
VM
1
1
Device power supply
Connect to motor supply (8.2 V - 60 V).
CONTROL
Rising edge latches shift register to output
LATCH
13
11
I
Latch input
stage – internal pulldown
nENBL
10
8
I
Enable input
Active low enables outputs – internal pulldown
Active-high reset input initializes internal
RESET
11
9
I
Reset input
logic – internal pulldown
SCLK
17
13
I
Serial clock
Serial clock input – internal pulldown
SDATIN
18
14
I
Serial data input
Serial data input – internal pulldown
Serial data output; push-pull structure; see
SDATOUT
19
15
O
Serial data output
serial interface section for details
STATUS
Logic low when in fault condition
nFAULT
20
16
OD
Fault
(overtemperature, overcurrent)
OUTPUT
OUT1
3
3
O
Output 1
Connect to load 1
OUT2
4
4
O
Output 2
Connect to load 2
OUT3
8
6
O
Output 3
Connect to load 3
OUT4
9
7
O
Output 4
Connect to load 4
Connect to VM supply, or zener diode to VM
VCLAMP
2
2
Output clamp voltage
supply
(1)
Directions: I = input, O = output, OD = open-drain output
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV8804


Similar Part No. - DRV8804PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results

Similar Description - DRV8804PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806PWP TI1-DRV8806PWP Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI-DRV8806_15 Datasheet
896Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com