Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8804PWP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8804PWP
Description  Quad Serial Interface Low-Side Driver IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8804PWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8804PWP Datasheet HTML 4Page - Texas Instruments DRV8804PWP Datasheet HTML 5Page - Texas Instruments DRV8804PWP Datasheet HTML 6Page - Texas Instruments DRV8804PWP Datasheet HTML 7Page - Texas Instruments DRV8804PWP Datasheet HTML 8Page - Texas Instruments DRV8804PWP Datasheet HTML 9Page - Texas Instruments DRV8804PWP Datasheet HTML 10Page - Texas Instruments DRV8804PWP Datasheet HTML 11Page - Texas Instruments DRV8804PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Thermal
Shut down
OUT1
GND
(multiple pins)
VCLAMP
LATCH
SDATIN
SCLK
Internal
Reference
Regs
UVLO
Int. VCC
nFAULT
Control
Logic
RESET
nENBL
VM
LS Gate
Drive
OUT2
OUT3
OUT4
OCP
&
Gate
Drive
8.2V – 60V
OCP
&
Gate
Drive
OCP
&
Gate
Drive
OCP
&
Gate
Drive
8.2V – 60V
Optional
Zener
Inductive
Load
Inductive
Load
Inductive
Load
Inductive
Load
SDATOUT
DRV8804
SLVSAW4F – JULY 2011 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The DRV8804 is an integrated 4-channel low side driver solution for a low side switch application. A serial
interface controls the low-side driver outputs and allows for multiple drivers to be chained together and save
space on communication lines. The four low-side driver outputs consist of four N-channel MOSFETs that have a
typical RDS(on) of 500 mΩ. A single motor supply input VM serves as device power and is internally regulated to
power the low side gate drive. The device outputs can be disabled by bringing nENBL pin logic high. This device
has several safety features including integrated overcurrent protection that limits the motor current to a fixed
maximum above which the device will shut down. Thermal shutdown protection enables the device to
automatically shut down if the die temperature exceeds a TTSD limit and will restart once the die reaches a safe
temperature. UVLO protection will disable all circuitry in the device if VM drops below the undervoltage lockout
threshold.
7.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DRV8804


Similar Part No. - DRV8804PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results

Similar Description - DRV8804PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806PWP TI1-DRV8806PWP Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI-DRV8806_15 Datasheet
896Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com