Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8821DCAR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8821DCAR
Description  Dual Stepper Motor Controller and Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8821DCAR Datasheet(HTML) 3 Page - Texas Instruments

  DRV8821DCAR Datasheet HTML 1Page - Texas Instruments DRV8821DCAR Datasheet HTML 2Page - Texas Instruments DRV8821DCAR Datasheet HTML 3Page - Texas Instruments DRV8821DCAR Datasheet HTML 4Page - Texas Instruments DRV8821DCAR Datasheet HTML 5Page - Texas Instruments DRV8821DCAR Datasheet HTML 6Page - Texas Instruments DRV8821DCAR Datasheet HTML 7Page - Texas Instruments DRV8821DCAR Datasheet HTML 8Page - Texas Instruments DRV8821DCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
28
27
26
25
24
23
22
21
20
ABDECAY
AOUT1
VM
VM
AOUT2
AISEN
ABSTEP
ABUSM0
ABDIR
ABVREF
BISEN
CDVREF
CDDECAY
ABENBLn
V3P3
BOUT2
BOUT1
CDSTEP
CDUSM0
CDDIR
CDENBLn
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
PGND
PGND
PGND
PGND
PGND
PGND
Solder these
pins to copper
heatsink area
PGND
PGND
PGND
PGND
PGND
VCP
CP2
CP1
VM
DOUT2
DISEN
DOUT1
VM
ABUSM1
ABRESETn
CISEN
COUT2
CDRESETn
COUT1
CDUSM1
PGND
Solder these
pins to copper
heatsink area
DRV8821
www.ti.com
SLVS912J – JANUARY 2009 – REVISED JANUARY 2016
5 Pin Configuration and Functions
DCA Package
48-Pin HTSSOP
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
EXTERNAL COMPONENTS OR CONNECTIONS
NAME
NO.
POWER AND GROUND
VM
1,2,
Connect all VM pins together to motor supply voltage.
Motor supply voltage (multiple pins)
(4 pins)
23, 24
Bypass each VM to GND with a 0.1-µF, 35-V ceramic capacitor.
V3P3
16
3.3 V regulator output
Bypass to GND with 0.47-
μF, 6.3-V ceramic capacitor.
GND
10-15,
Power ground (multiple pins)
Connect all PGND pins to GND and solder to copper heatsink areas.
34-39
CP1
7
IO
Charge pump flying capacitor
Connect a 0.01-
μF capacitor between CP1 and CP2
CP2
8
IO
VCP
9
IO
Charge pump storage capacitor
Connect a 0.1-
μF, 16 V ceramic capacitor to VM
MOTOR AB
ABSTEP
45
I
Motor AB step input
Rising edge causes the indexer to move one step.
ABDIR
43
I
Motor AB direction input
Level sets the direction of stepping.
ABUSM0
44
I
Motor AB microstep mode 0
USM0 and USM1 set the step mode - full step, half step, quarter
step, or eight microsteps/step.
ABUSM1
41
I
Motor AB microstep mode 1
ABENBLn
42
I
Motor AB enable input
Logic high to disable motor AB outputs, logic low to enable.
Active-low reset input initializes the indexer logic and disables the H-
ABRESETn
40
I
Motor AB reset input
bridge outputs for motor AB.
ABDECAY
6
I
Motor AB decay mode
Logic low for slow decay mode, high for mixed decay.
Motor AB current set reference
ABVREF
17
I
Sets current trip threshold.
voltage
AOUT1
5
O
Bridge A output 1
Connect to first coil of bipolar stepper motor AB, or DC motor
winding.
AOUT2
3
O
Bridge A output 2
AISEN
4
Bridge A current sense
Connect to current sense resistor for bridge A.
(1)
Directions: i = input, O = output, OZ = 3-state output, OD = open-drain ouput, IO = input/ouput
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV8821


Similar Part No. - DRV8821DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8821DCAR TI-DRV8821DCAR Datasheet
401Kb / 17P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821DCAR TI-DRV8821DCAR Datasheet
337Kb / 16P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821DCAR TI-DRV8821DCAR Datasheet
830Kb / 22P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821DCAR TI-DRV8821DCAR Datasheet
664Kb / 20P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
More results

Similar Description - DRV8821DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8821_1007 TI-DRV8821_1007 Datasheet
664Kb / 20P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821 Datasheet
401Kb / 17P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_10 Datasheet
337Kb / 16P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1001 TI-DRV8821_1001 Datasheet
830Kb / 22P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_15 Datasheet
877Kb / 23P
[Old version datasheet]   DUAL STEPPER MOTOR CONTROLLER/DRIVER
logo
New Japan Radio
NJM3517 NJRC-NJM3517 Datasheet
187Kb / 12P
   STEPPER MOTOR CONTROLLER / DRIVER
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com