Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8835DSSR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8835DSSR
Description  Dual Low-Voltage H-Bridge IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8835DSSR Datasheet(HTML) 1 Page - Texas Instruments

  DRV8835DSSR Datasheet HTML 1Page - Texas Instruments DRV8835DSSR Datasheet HTML 2Page - Texas Instruments DRV8835DSSR Datasheet HTML 3Page - Texas Instruments DRV8835DSSR Datasheet HTML 4Page - Texas Instruments DRV8835DSSR Datasheet HTML 5Page - Texas Instruments DRV8835DSSR Datasheet HTML 6Page - Texas Instruments DRV8835DSSR Datasheet HTML 7Page - Texas Instruments DRV8835DSSR Datasheet HTML 8Page - Texas Instruments DRV8835DSSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PWM
nFAULT
VCC = 2.0 V to 7.0 V
VM = 0.0 V to 11.0 V
M
+
DRV8835
Stepper or
Brushed DC
Motor Driver
1.5A
1.5A
-
+
-
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DRV8835
SLVSB18E – MARCH 2012 – REVISED DECEMBER 2015
DRV8835 Dual Low-Voltage H-Bridge IC
1 Features
3 Description
The DRV8835 provides an integrated motor driver
1
Dual-H-Bridge Motor Driver
solution for cameras, consumer products, toys, and
Capable of Driving Two DC Motors or One
other low-voltage or battery-powered motion control
Stepper Motor
applications. The device has two H-bridge drivers,
Low-MOSFET ON-Resistance:
and drives two DC motors or one stepper motor, as
well as other devices like solenoids. The output driver
HS + LS 305 m
Ω
block
for
each
consists
of
N-channel
power
1.5-A Maximum Drive Current Per H-Bridge
MOSFETs configured as an H-bridge to drive the
Configure Bridges Parallel for 3-A Drive Current
motor winding. An internal charge pump generates
Separate Motor and Logic-Supply Pins:
gate drive voltages.
0-V to 11-V Motor-Operating Supply-Voltage
The DRV8835 supplies up to 1.5-A of output current
per H-bridge and operates on a motor power supply
2-V to 7-V Logic Supply-Voltage
voltage from 0 V to 11 V, and a device power supply
Separate Logic and Motor Power Supply Pins
voltage of 2 V to 7 V.
Flexible PWM or PHASE/ENABLE Interface
PHASE/ENABLE and IN/IN interfaces are compatible
Low-Power Sleep Mode With 95-nA Maximum
with industry-standard devices.
Supply Current
Internal
shutdown
functions
are
provided
for
Tiny 2.00-mm × 3.00-mm WSON Package
overcurrent
protection,
short
circuit
protection,
undervoltage lockout, and overtemperature.
2 Applications
The DRV8835 is packaged in a tiny 12-pin WSON
Battery-Powered:
package (Eco-friendly: RoHS and no Sb/Br).
Cameras
DSLR Lenses
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Consumer Products
DRV8835
WSON (12)
2.00 mm × 3.00 mm
Toys
(1) For all available packages, see the orderable addendum at
Robotics
the end of the data sheet.
Medical Devices
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8835DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8835DSSR TI-DRV8835DSSR Datasheet
656Kb / 16P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
More results

Similar Description - DRV8835DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8835 TI-DRV8835_15 Datasheet
850Kb / 19P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI-DRV8836 Datasheet
655Kb / 16P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI1-DRV8836_16 Datasheet
967Kb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
DRV8835 TI-DRV8835 Datasheet
656Kb / 16P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI-DRV8836_15 Datasheet
846Kb / 18P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8839 TI1-DRV8839_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Voltage Dual H-Bridge Driver IC
DRV8837EVM TI-DRV8837EVM Datasheet
781Kb / 14P
[Old version datasheet]   LOW-VOLTAGE H-BRIDGE IC
DRV8839 TI-DRV8839_15 Datasheet
828Kb / 19P
[Old version datasheet]   LOW VOLTAGE DUAL 쩍-H-BRIDGE DRIVER IC
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
[Old version datasheet]   LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com