Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBT3906 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SMBT3906
Description  PNP Silicon Switching Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3906 Datasheet(HTML) 6 Page - Infineon Technologies AG

  SMBT3906 Datasheet HTML 1Page - Infineon Technologies AG SMBT3906 Datasheet HTML 2Page - Infineon Technologies AG SMBT3906 Datasheet HTML 3Page - Infineon Technologies AG SMBT3906 Datasheet HTML 4Page - Infineon Technologies AG SMBT3906 Datasheet HTML 5Page - Infineon Technologies AG SMBT3906 Datasheet HTML 6Page - Infineon Technologies AG SMBT3906 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Jul-28-2003
6
SMBT3906/ MMBT3906
Short-circuit forward current
transfer ratio h21e = ƒ(IC)
VCE = 10V, f = 1MHz
EHP00770
10
10
mA
h
C
5
21e
10
3
2
10
1
5
10
10
-1
0
1
Ι
5
5
Open-circuit reverse voltage
transfer ratio h12e = ƒ(IC)
VCE = 10V, f = 1kHz
EHP00769
10
mA
h
C
12e
10
-5
5
10
10
-1
0
1
Ι
5
-4
10
-3
10
5
Open-circuit output admittance
h22e = ƒ(IC)
VCE = 10V, f = 1MHz
EHP00771
10
10
mA
h
C
s
22e
10
2
1
10
0
5
10
10
-1
0
1
Ι
5
5
µ
5
Input impedance
h11e = ƒ(IC)
VCE = 10 V, f = 1kHz
10
EHP00768
-1
1
10
mA
-1
10
2
10
5
5
10
0
10
0
C
11e
h
Ι
1
10
5
k


Similar Part No. - SMBT3906

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3906 INFINEON-SMBT3906 Datasheet
888Kb / 13P
   High DC current gain: 0.1 mA to 100 mA Low collector-emitter saturation voltage
2008-02-29
SMBT3906/MMBT3906 INFINEON-SMBT3906/MMBT3906 Datasheet
892Kb / 12P
   PNP Silicon Switching Transistors
2012-08-21
logo
ON Semiconductor
SMBT3906DW1 ONSEMI-SMBT3906DW1 Datasheet
132Kb / 6P
   Dual General Purpose Transistor
July, 2013 ??Rev. 5
SMBT3906DW1T1G ONSEMI-SMBT3906DW1T1G Datasheet
132Kb / 6P
   Dual General Purpose Transistor
July, 2013 ??Rev. 5
logo
Infineon Technologies A...
SMBT3906E6327 INFINEON-SMBT3906E6327 Datasheet
892Kb / 12P
   PNP Silicon Switching Transistors
2012-08-21
More results

Similar Description - SMBT3906

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR PNP SILICON
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com