Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV96100F2 Datasheet(PDF) 2 Page - Cree, Inc

Part # CGHV96100F2
Description  100 W, 7.9 - 9.6 GHz, 50-ohm, Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV96100F2 Datasheet(HTML) 2 Page - Cree, Inc

  CGHV96100F2 Datasheet HTML 1Page - Cree, Inc CGHV96100F2 Datasheet HTML 2Page - Cree, Inc CGHV96100F2 Datasheet HTML 3Page - Cree, Inc CGHV96100F2 Datasheet HTML 4Page - Cree, Inc CGHV96100F2 Datasheet HTML 5Page - Cree, Inc CGHV96100F2 Datasheet HTML 6Page - Cree, Inc CGHV96100F2 Datasheet HTML 7Page - Cree, Inc CGHV96100F2 Datasheet HTML 8Page - Cree, Inc CGHV96100F2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
CGHV96100F2 Rev 2.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2013 - 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective owners and do not imply specific
product and/or vendor endorsement, sponsorship or association.
Absolute Maximum Ratings (not simultaneous)
Parameter
Symbol
Rating
Units
Conditions
Drain-source Voltage
V
DSS
100
Volts
25˚C
Gate-source Voltage
V
GS
-10, +2
Volts
25˚C
Power Dissipation
P
DISS
115.2 / 222.0
Watts
(CW / Pulse)
Storage Temperature
T
STG
-65, +150
˚C
Operating Junction Temperature
T
J
225
˚C
Maximum Drain Current1
I
DMAX
12
Amps
Maximum Forward Gate Current
I
GMAX
28.8
mA
25˚C
Soldering Temperature2
T
S
245
˚C
Screw Torque
τ
40
in-oz
Thermal Resistance, Junction to Case
R
θ
JC
0.73
˚C/W
Pulse Width = 100 µs, Duty Cycle = 10%, 85˚C,
P
DISS = 173 W
Thermal Resistance, Junction to Case
R
θ
JC
1.07
˚C/W
CW, 85˚C, P
DISS = 115.2 W
Case Operating Temperature3
T
C
-40, +150
˚C
Note:
1
Current limit for long term reliable operation.
2
Refer to the Application Note on soldering at http://www.cree.com/rf/document-library
3
See also, the Power Dissipation De-rating Curve on Page 9.
Electrical Characteristics (Frequency = 9.6 GHz unless otherwise stated; T
C = 25˚C)
Characteristics
Symbol
Min.
Typ.
Max.
Units
Conditions
DC Characteristics1
Gate Threshold Voltage
V
GS(TH)
-3.8
-3.0
-2.3
V
V
DS = 10 V, ID = 28.8 mA
Gate Quiscent Voltage
V
GS(Q)
-2.7
V
V
DS = 40 V, ID = 1000 mA
Saturated Drain Current2
I
DS
21.0
26.0
A
V
DS = 6.0 V, VGS = 2.0 V
Drain-Source Breakdown Voltage
V
BD
100
V
V
GS = -8 V, ID = 28.8 mA
RF Characteristics3
Small Signal Gain
S21
10.5
12.4
dB
V
DD = 40 V, IDQ = 1000 mA, PIN = -20 dBm
Input Return Loss 1
S11
–5.2
-2.8
dB
V
DD = 40 V, IDQ = 1000 mA, PIN = -20 dBm,
8.4 - 9.4 GHz
Input Return Loss 2
S11
-3.3
dB
V
DD = 40 V, IDQ = 1000 mA, PIN = -20 dBm,
9.4 - 9.6 GHz
Output Return Loss
S22
–12.3
-6.0
dB
V
DD = 40 V, IDQ = 1000 mA, PIN = -20 dBm
Power Output3,4
P
OUT
100
131.0
W
V
DD = 40 V, IDQ = 1000 mA, PIN = 41 dBm
Power Added Efficiency3,4
PAE
30
45
%
V
DD = 40 V, IDQ = 1000 mA, PIN = 41 dBm
Power Gain3,4
P
G
10.2
dB
V
DD = 40 V, IDQ = 1000 mA, PIN = 41 dBm
Output Mismatch Stress
VSWR
5:1
Y
No damage at all phase angles, V
DD = 40 V, IDQ = 1000 mA,
Notes:
1
Measured on-wafer prior to packaging.
2
Scaled from PCM data.
3
Measured in CGHV96100F2-AMP (838179) under 100 µS pulse width, 10% duty
4
Fixture loss de-embedded using the following offsets: Frequency = 9.6 GHz. Input = 0.5 dB and Output = 0.5 dB.


Similar Part No. - CGHV96100F2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV96100F2 WOLFSPEED-CGHV96100F2 Datasheet
1Mb / 13P
   100 W, 8.4 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 3.2, 2022-12-8
More results

Similar Description - CGHV96100F2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV96050F1 CREE-CGHV96050F1 Datasheet
1Mb / 14P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input
CGHV96050F2 CREE-CGHV96050F2 Datasheet
1Mb / 13P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
logo
WOLFSPEED, INC.
CGHV96050F2 WOLFSPEED-CGHV96050F2 Datasheet
1Mb / 13P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 3.5, 2022-12-13
CGHV96050F1 WOLFSPEED-CGHV96050F1 Datasheet
1Mb / 13P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 2.3, 2022-12-13
CGHV96100F2 WOLFSPEED-CGHV96100F2 Datasheet
1Mb / 13P
   100 W, 8.4 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 3.2, 2022-12-8
CGHV96130F WOLFSPEED-CGHV96130F Datasheet
1Mb / 13P
   130 W, 8.4 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 2.0, 2022-8-25
logo
Qorvo, Inc
QPA1011D QORVO-QPA1011D Datasheet
982Kb / 26P
   7.9 ??11.0 GHz 25 W GaN Power Amplifier
May 2021
logo
WOLFSPEED, INC.
CGHV1A250F WOLFSPEED-CGHV1A250F Datasheet
1Mb / 17P
   8.8 - 9.6 GHz, 300 W GaN HPA
Rev. 0.0 July 2023
CGHV50200F WOLFSPEED-CGHV50200F Datasheet
1Mb / 15P
   200 W, 4.4 - 5.0 GHz, 50-Ohm Input/Output Matched, GaN HEMT
Rev. 3.2, 2022-12-8
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4 Datasheet
281Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com