Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV96100F2-AMP Datasheet(PDF) 8 Page - Cree, Inc

Part # CGHV96100F2-AMP
Description  100 W, 7.9 - 9.6 GHz, 50-ohm, Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV96100F2-AMP Datasheet(HTML) 8 Page - Cree, Inc

Back Button CGHV96100F2-AMP Datasheet HTML 4Page - Cree, Inc CGHV96100F2-AMP Datasheet HTML 5Page - Cree, Inc CGHV96100F2-AMP Datasheet HTML 6Page - Cree, Inc CGHV96100F2-AMP Datasheet HTML 7Page - Cree, Inc CGHV96100F2-AMP Datasheet HTML 8Page - Cree, Inc CGHV96100F2-AMP Datasheet HTML 9Page - Cree, Inc CGHV96100F2-AMP Datasheet HTML 10Page - Cree, Inc CGHV96100F2-AMP Datasheet HTML 11Page - Cree, Inc CGHV96100F2-AMP Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
CGHV96100F2 Rev 2.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2013 - 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective owners and do not imply specific
product and/or vendor endorsement, sponsorship or association.
CGHV96100F2-AMP Demonstration Amplifier Circuit Schematic
CGHV96100F2-AMP Demonstration Amplifier Circuit Outline


Similar Part No. - CGHV96100F2-AMP

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV96100F2 WOLFSPEED-CGHV96100F2 Datasheet
1Mb / 13P
   100 W, 8.4 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 3.2, 2022-12-8
More results

Similar Description - CGHV96100F2-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV96050F1 CREE-CGHV96050F1 Datasheet
1Mb / 14P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input
CGHV96050F2 CREE-CGHV96050F2 Datasheet
1Mb / 13P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
logo
WOLFSPEED, INC.
CGHV96050F2 WOLFSPEED-CGHV96050F2 Datasheet
1Mb / 13P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 3.5, 2022-12-13
CGHV96050F1 WOLFSPEED-CGHV96050F1 Datasheet
1Mb / 13P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 2.3, 2022-12-13
CGHV96100F2 WOLFSPEED-CGHV96100F2 Datasheet
1Mb / 13P
   100 W, 8.4 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 3.2, 2022-12-8
CGHV96130F WOLFSPEED-CGHV96130F Datasheet
1Mb / 13P
   130 W, 8.4 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 2.0, 2022-8-25
logo
Qorvo, Inc
QPA1011D QORVO-QPA1011D Datasheet
982Kb / 26P
   7.9 ??11.0 GHz 25 W GaN Power Amplifier
May 2021
logo
WOLFSPEED, INC.
CGHV1A250F WOLFSPEED-CGHV1A250F Datasheet
1Mb / 17P
   8.8 - 9.6 GHz, 300 W GaN HPA
Rev. 0.0 July 2023
CGHV50200F WOLFSPEED-CGHV50200F Datasheet
1Mb / 15P
   200 W, 4.4 - 5.0 GHz, 50-Ohm Input/Output Matched, GaN HEMT
Rev. 3.2, 2022-12-8
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4 Datasheet
281Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com