Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA1D1E025F Datasheet(PDF) 1 Page - Cree, Inc

Part # CMPA1D1E025F
Description  25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA1D1E025F Datasheet(HTML) 1 Page - Cree, Inc

  CMPA1D1E025F Datasheet HTML 1Page - Cree, Inc CMPA1D1E025F Datasheet HTML 2Page - Cree, Inc CMPA1D1E025F Datasheet HTML 3Page - Cree, Inc CMPA1D1E025F Datasheet HTML 4Page - Cree, Inc CMPA1D1E025F Datasheet HTML 5Page - Cree, Inc CMPA1D1E025F Datasheet HTML 6Page - Cree, Inc CMPA1D1E025F Datasheet HTML 7Page - Cree, Inc CMPA1D1E025F Datasheet HTML 8Page - Cree, Inc CMPA1D1E025F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Subject to change without notice.
www.cree.com/rf
CMPA1D1E025F
25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
Cree’s CMPA1D1E025F is a gallium nitride (GaN) High Electron Mobility Transistor
(HEMT) based monolithic microwave integrated circuit (MMIC) on a silicon
carbide (SiC) substrate, using a 0.25 μm gate length fabrication process. The Ku
Band 25W MMIC is targeted for commercial Ku Band satellite communications
applications. It offers high gain and superior efficiency while meets OQPSK
linearity required for Satcom applications at 3dB backed off Psat operations.
This Ku Band MMIC is available in a 10 lead, 25 mm x 9.9 mm metal/ceramic
flanged package.
Typical Performance Over 13.75-14.5 GHz (T
C = 25˚C)
Parameter
13.75 GHz
14.0 GHz
14.25 GHz
14.5 GHz
Units
Small Signal Gain
24
24.5
24.5
24
dB
Linear Output Power
24
23
21
20
W
Power Gain
21
21
20
20
dB
Power Added Efficiency
22
20
18
18
%
Note1: Measured at -30 dBc, 1.6 MHz from carrier, in the CMPA1D1E025F-AMP under OQPSK modulation, 1.6 Msps, PN23, Alpha
Filter = 0.2.
Features
24 dB Small Signal Gain
40 W Typical Pulsed P
SAT
Operation up to 40 V
20 W linear power under OQPSK
Class A/B high gain, high efficiency 50 ohm MMIC Ku
Band high power amplifier
Applications
Satellite Communications Uplink
PN: CMPA1D1E025F
Package Type:440208


Similar Part No. - CMPA1D1E025F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA1D1E025F WOLFSPEED-CMPA1D1E025F Datasheet
2Mb / 19P
   25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
More results

Similar Description - CMPA1D1E025F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA1D1E025F WOLFSPEED-CMPA1D1E025F Datasheet
2Mb / 19P
   25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA1D1E080F CREE-CMPA1D1E080F Datasheet
1Mb / 11P
   80 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN, Power Amplifier
CMPA1D1E030D CREE-CMPA1D1E030D Datasheet
595Kb / 6P
   30 W, 13.75 - 14.5 GHz, 40 V, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1D1E030D WOLFSPEED-CMPA1D1E030D Datasheet
1Mb / 7P
   30 W, 13.75 - 14.5 GHz, 40 V GaN MMIC, Power Amplifier
Rev. 2.0, 2022-9-20
logo
Transcom, Inc.
TC4542 TRANSCOM-TC4542 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2 W MMIC
logo
TriQuint Semiconductor
QPB1500 TRIQUINT-QPB1500 Datasheet
1Mb / 14P
   Ku-Band 25 W GaN Power Amplifier
logo
Transcom, Inc.
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
   13.75 - 14.5 GHz 0.5 W MMIC
TC4531 TRANSCOM-TC4531 Datasheet
81Kb / 3P
   13.75 - 14.5 GHz 1 W MMIC
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
AGN1440 ASB-AGN1440 Datasheet
577Kb / 11P
   Ku Band GaN Amplifier MMIC
June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com