Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA601C025F Datasheet(PDF) 6 Page - Cree, Inc

Part # CMPA601C025F
Description  25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA601C025F Datasheet(HTML) 6 Page - Cree, Inc

Back Button CMPA601C025F Datasheet HTML 2Page - Cree, Inc CMPA601C025F Datasheet HTML 3Page - Cree, Inc CMPA601C025F Datasheet HTML 4Page - Cree, Inc CMPA601C025F Datasheet HTML 5Page - Cree, Inc CMPA601C025F Datasheet HTML 6Page - Cree, Inc CMPA601C025F Datasheet HTML 7Page - Cree, Inc CMPA601C025F Datasheet HTML 8Page - Cree, Inc CMPA601C025F Datasheet HTML 9Page - Cree, Inc CMPA601C025F Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
CMPA601C025F Rev 2.2
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
Fax: +1.919.869.2733
www.cree.com/RF
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective owners and do not imply specific
product and/or vendor endorsement, sponsorship or association.
CMPA601C025F-AMP Demonstration Amplifier Circuit Bill of Materials
Designator
Description
Qty
C2,C4,C5,C7,C9,C12
CAP,33000PF, 0805,100V, X7R
6
C1,C3,C6,C8,C10,C13
CAP, 1.0UF, 100V, 10%, X7R, 1210
6
C11,C14
CAP ELECT 3.3UF 80V FK SMD
2
R1,R2
RES 0.0 OHM 1/16W 0402 SMD
2
J1,J2
CONN, SMA, PANEL MOUNT JACK, FLANGE, 4-HOLE,
BLUNT POST, 20MIL
2
J3
HEADER RT>PLZ .1CEN LK 9POS
1
W1
WIRE, BLACK, 22 AWG ~ 1.50”
1
W2
WIRE, BLACK, 22 AWG ~ 1.75”
1
Q1
CMPA601C025F
1
CMPA601C025F-AMP Demonstration Amplifier Circuit


Similar Part No. - CMPA601C025F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
More results

Similar Description - CMPA601C025F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
logo
Cree, Inc
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
   25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA801B030F1 WOLFSPEED-CMPA801B030F1 Datasheet
1Mb / 16P
   35 W, 8.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 0.0 February 2021
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
   0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com