Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA801B025P Datasheet(PDF) 10 Page - Cree, Inc

Part # CMPA801B025P
Description  25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA801B025P Datasheet(HTML) 10 Page - Cree, Inc

Back Button CMPA801B025P Datasheet HTML 6Page - Cree, Inc CMPA801B025P Datasheet HTML 7Page - Cree, Inc CMPA801B025P Datasheet HTML 8Page - Cree, Inc CMPA801B025P Datasheet HTML 9Page - Cree, Inc CMPA801B025P Datasheet HTML 10Page - Cree, Inc CMPA801B025P Datasheet HTML 11Page - Cree, Inc CMPA801B025P Datasheet HTML 12Page - Cree, Inc CMPA801B025P Datasheet HTML 13Page - Cree, Inc CMPA801B025P Datasheet HTML 14Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
CMPA801B025 Rev 3.2
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective owners and do not imply specific
product and/or vendor endorsement, sponsorship or association.
Product Dimensions CMPA801B025F (Package Type — 440208)
Pin Number
Qty
1
Gate Bias for Stage 2
2
Gate Bias for Stage 2
3
RF In
4
Gate Bias for Stage 1
5
Gate Bias for Stage 1
6
Drain Bias
7
Drain Bias
8
RF Out
9
Drain Bias
10
Drain Bias
11
Source


Similar Part No. - CMPA801B025P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA801B025D CREE-CMPA801B025D Datasheet
439Kb / 7P
   25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
More results

Similar Description - CMPA801B025P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA801B025D CREE-CMPA801B025D Datasheet
439Kb / 7P
   25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
CMPA5585025F CREE-CMPA5585025F Datasheet
2Mb / 19P
   25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
CMPA5585025D CREE-CMPA5585025D Datasheet
348Kb / 7P
   25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
logo
Qorvo, Inc
QPA1011D QORVO-QPA1011D Datasheet
982Kb / 26P
   7.9 ??11.0 GHz 25 W GaN Power Amplifier
May 2021
logo
Mimix Broadband
XP1014-BD MIMIX-XP1014-BD Datasheet
136Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA901A035F WOLFSPEED-CMPA901A035F Datasheet
1Mb / 22P
   35 W, 9.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 0.4 April 2021
logo
Mimix Broadband
XP1014 MIMIX-XP1014 Datasheet
165Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006 MIMIX-XP1006 Datasheet
242Kb / 6P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006-BD MIMIX-XP1006-BD Datasheet
225Kb / 8P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
logo
Cree, Inc
CMPA5585030F CREE-CMPA5585030F Datasheet
1Mb / 17P
   30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com