Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RER220-18 Datasheet(PDF) 9 Page - ebm-papst

Part # RER220-18
Description  Product Data Sheet RER220-43/18/2TDMO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RER220-18 Datasheet(HTML) 9 Page - ebm-papst

Back Button RER220-18 Datasheet HTML 5Page - ebm-papst RER220-18 Datasheet HTML 6Page - ebm-papst RER220-18 Datasheet HTML 7Page - ebm-papst RER220-18 Datasheet HTML 8Page - ebm-papst RER220-18 Datasheet HTML 9Page - ebm-papst RER220-18 Datasheet HTML 10Page - ebm-papst RER220-18 Datasheet HTML 11Page - ebm-papst RER220-18 Datasheet HTML 12Page - ebm-papst RER220-18 Datasheet HTML 13Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product Data Sheet RER220-43/18/2TDMO
06/23/2015
page 9 of 13
Locked rotor signal t5 50s:
After 2 failed start-ups there is an extended timeout of 50 s.
3.5
Data according ErP directive
Installation / Efficency category
A / static
Speed control
integrated
Specific ratio
1,00394
Target overall efficiency 2015
42,3 %
Overall efficiency
54,0 %
Efficiency grade
62
Power input
132,6 W
Speed
2.970 1/min
All values measured in optimum energy efficiency point.
Productiondatecode is printed on the fan label.
3.6
Aerodynamic
Measurement
conditions:
Measured with a double chamber intake rig acc. to DIN EN ISO 5801.
Normal air density = 1,2 kg/m3; Temperature 23°C +/- 3°C;
In the intake and outlet area should not be any solid obstruction within 0,5 m.
The information is only valid under the specified test conditions and may be changed by the
installation conditions. If there are deviations from the standard test conditions, the
characteristic values must be checked under the installed conditions.
Measurement setup:
Measured between two steel plates
Steel plate:
225 mm x 225 mm
Intake nozzle:
D: 155 mm; R: 25 mm
Distance between bottom and top plate:
90 mm
Overlapping impeller / nozzle:
2 mm
a.) Operation condition:
3.000 1/min at free air flow
U Contr. 10 V
Max. free-air flow (∆p = 0 /
= max.)
1.063,0 m3/h
Max. static pressure (∆p = max. /
=0)
525 Pa


Similar Part No. - RER220-18

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RER220TD EBMPAPST-RER220TD Datasheet
704Kb / 3P
   DC axial fans
RER220TD EBMPAPST-RER220TD Datasheet
430Kb / 3P
   DC axial fans
RER220TD EBMPAPST-RER220TD Datasheet
505Kb / 3P
   DC axial fans
RER220TD EBMPAPST-RER220TD Datasheet
426Kb / 3P
   DC diagonal fans
More results

Similar Description - RER220-18

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RER190-39 EBMPAPST-RER190-39 Datasheet
643Kb / 13P
   Product Data Sheet RER190-39/14/2TDMO
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
logo
Murata Manufacturing Co...
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
logo
Lite-On Technology Corp...
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
   Photocoupler Product Data Sheet
logo
Murata Manufacturing Co...
PLA10AS1230R6R2B MURATA-PLA10AS1230R6R2B Datasheet
220Kb / 3P
   Product Search Data Sheet
PLA10AS1330R5D2B MURATA-PLA10AS1330R5D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
logo
Lite-On Technology Corp...
4N35S-TA1 LITEON-4N35S-TA1 Datasheet
616Kb / 12P
   Photocoupler Product Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Lite-On Technology Corp...
LTV-824 LITEON-LTV-824 Datasheet
893Kb / 19P
   Photocoupler Product Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com