Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOT812 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT812
Description  Orientated ISO76379V-36VDC vehicle power supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT812 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT812_14 Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT812_14 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
574
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Industrial Panel
Computers &
Monitors
Heavy-duty
Fanless Touch
Panel Computers
Digital
Signage
Solutions
Healthcare
& Medical
Solutions
Open Frame
Panel
Computers
Accessories
© 2014 Axiomtek Co., Ltd. All rights reserved.
Ordering Information
Specifications
Dimensions
I/O Connector
1x RS-232/422/485 (COM 1 default RS-232)
1x RS-232 (COM 2)
2 x USB 2.0
1 x 10/100/1000Mbps Ethernet
Expansion Interface
1 x PCIe Mini Card slot
Touchscreen
5-wire resistive low reflective type (GOT812LR)
5-wire resistive type (GOT812L/GOT812LV)
Power Supply
Power input 12VDC/24VDC; 9V~36V (GOT812LV)
Dimensions
304 mm (11.97") (W) x 58.5 mm (2.3") (D)
x 248 mm (9.76") (H)
Packing Dimensions
380 mm (14.96") (W) x 190 mm (7.48") (D)
x 430 mm (16.93") (H)
Weight (net/gross)
4.5 kg (9.92 lb)/6 kg (13.23 lb)
Environment
Operating temperature: -20°C ~ +55°C
Storage Temperature: -30°C ~ +80°C (-22°F ~ +176°F)
Relative humidity: 10% ~ 95% @ 40°C, non-condensing
Operation vibration:
2G, 5 ~ 500Hz, random for 2.5" SSD
2G, 5 ~ 500Hz, random for CompactFlash™
Certification
CE/IEC60945/DNV 2.4 (compliant) (GOT812LR/GOT812L);
CE/e13 (GOT-812LV)
* W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
Vehicle type
GOT812LV-DC
(P/N-E22B812111)
12.1" IP66-rated heavy-duty vehicle touch panel computer
with Intel
® Atom™ N270
GOT812LV-RF-DC
(P/N-E22B812112)
12.1" IP66-rated heavy-duty vehicle touch panel computer
with Intel
® Atom™ N270 and Wifi or 3G
Sunlight readable type
GOT812LR-DC
(P/N: E22B812102)
12.1" IP66-rated heavy-duty sunlight readable touch panel
computer (1000 nits) with Intel
® Atom™ N270
GOT812LR-RF-DC
(P/N-E22B812112)
12.1" IP66-rated heavy-duty sunlight readable touch panel
computer with Intel
® Atom™ N270 and WiFi or 3G
Normal type
GOT812L-DC
(P/N: E22B812100)
12.1" IP66-rated heavy-duty touch panel computer with
Intel
® Atom™ N270
GOT812L-RF-DC
(P/N-E22B812101)
12.1" IP66-rated heavy-duty touch panel computer with
Intel
® Atom™ N270 and WiFi or 3G
* Specification and certifications are based on options and may vary.
Optional Accessories
Optional EOS Installation
Optional OS Installation
822B8120070E
GOT812 keyboard bracket (w/o keyboard)
822B8120080E
GOT812 suspension kit
594B8122100E
Water-proof COM port cable (1.8m)
594B8122820E
Water-proof USB cable (1.8m)
594B8122720E
Water-proof LAN cable (1.8m)
50964A23000E
72W/24V power adapter with M12 connector
Window
® XP Embedded
Window
® CE.NET
Linux (GOT-812, GOT-812LR)
Windows
® XP
Windows
® 7


Similar Part No. - GOT812_14

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT812LH-880 AXIOMTEK-GOT812LH-880 Datasheet
381Kb / 2P
   12.1 XGA TFT IP66 & IP69K-rated Stainless Steel Fanless PCT (or Resistive Touch)
GOT812LR-832 AXIOMTEK-GOT812LR-832 Datasheet
431Kb / 2P
   Type 316 stainless steel front bezel
GOT812LR-832-DC AXIOMTEK-GOT812LR-832-DC Datasheet
431Kb / 2P
   Type 316 stainless steel front bezel
GOT812LR-832-RF-DC AXIOMTEK-GOT812LR-832-RF-DC Datasheet
431Kb / 2P
   Type 316 stainless steel front bezel
GOT812LR-834 AXIOMTEK-GOT812LR-834 Datasheet
528Kb / 2P
   12.1 XGA TFT IP66-rated Sunlight Readable Fanless Touch Panel Computer
More results

Similar Description - GOT812_14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE104 ETC-HE104 Datasheet
106Kb / 1P
   PC/104 High Efficiency Vehicle Power Supply
logo
BOSER Technology Co., L...
BPW-8210 BOSER-BPW-8210 Datasheet
70Kb / 1P
   80W 24V DC-DC Open Frame Power Supply Input Range: 18~36VDC
logo
Bel Fuse Inc.
0AKN BEL-0AKN Datasheet
460Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
0AKK BEL-0AKK Datasheet
499Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
logo
Suntsu Electronics, Inc...
SATOA-110A110A53A-CMB3 SUNTSU-SATOA-110A110A53A-CMB3 Datasheet
2Mb / 3P
   Vehicle Tracking
logo
Tripp Lite. All Rights ...
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
   PowerVerter APS INT 3600W 36VDC 230V
logo
SHENZHEN KYL COMMUNICAT...
KYL-GPS KYL-KYL-GPS Datasheet
615Kb / 10P
   Vehicle Tracker
logo
Suntsu Electronics, Inc...
SATOA-84A84A14G-CMB1 SUNTSU-SATOA-84A84A14G-CMB1 Datasheet
294Kb / 3P
   Vehicle Tracking
SATOA-150A64A17A-CMB5 SUNTSU-SATOA-150A64A17A-CMB5 Datasheet
3Mb / 8P
   Vehicle Tracking
SATOA-50A50A48A-CMB1 SUNTSU-SATOA-50A50A48A-CMB1 Datasheet
1Mb / 3P
   Vehicle Tracking
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com