Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA2735075F-TB Datasheet(PDF) 6 Page - Cree, Inc

Part # CMPA2735075F-TB
Description  75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA2735075F-TB Datasheet(HTML) 6 Page - Cree, Inc

Back Button CMPA2735075F-TB Datasheet HTML 2Page - Cree, Inc CMPA2735075F-TB Datasheet HTML 3Page - Cree, Inc CMPA2735075F-TB Datasheet HTML 4Page - Cree, Inc CMPA2735075F-TB Datasheet HTML 5Page - Cree, Inc CMPA2735075F-TB Datasheet HTML 6Page - Cree, Inc CMPA2735075F-TB Datasheet HTML 7Page - Cree, Inc CMPA2735075F-TB Datasheet HTML 8Page - Cree, Inc CMPA2735075F-TB Datasheet HTML 9Page - Cree, Inc CMPA2735075F-TB Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
CMPA2735075F Rev 1.2
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2010-2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective owners and do not imply specific
product and/or vendor endorsement, sponsorship or association.
CMPA2735075F-AMP Demonstration Amplifier Circuit Schematic
CMPA2735075F-AMP Demonstration Amplifier Circuit Outline


Similar Part No. - CMPA2735075F-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA2735075F1 WOLFSPEED-CMPA2735075F1 Datasheet
1Mb / 10P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-20
More results

Similar Description - CMPA2735075F-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA2735075D WOLFSPEED-CMPA2735075D Datasheet
386Kb / 9P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 3.2 April 2020
CMPA2735075F1 WOLFSPEED-CMPA2735075F1 Datasheet
1Mb / 10P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-20
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA2735015D WOLFSPEED-CMPA2735015D Datasheet
610Kb / 9P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.2 March 2020
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
logo
Cree, Inc
CMPA2735015D CREE-CMPA2735015D Datasheet
537Kb / 9P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
CMPA2735030D CREE-CMPA2735030D Datasheet
529Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735015S WOLFSPEED-CMPA2735015S Datasheet
689Kb / 11P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.4 April 2020
logo
Qorvo, Inc
QPA3069 QORVO-QPA3069 Datasheet
778Kb / 19P
   2.7 ??3.5 GHz 100 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com