Electronic Components Datasheet Search |
|
GOT3157W-111-PCT-J Datasheet(PDF) 1 Page - Axiomtek Co., Ltd. |
|
GOT3157W-111-PCT-J Datasheet(HTML) 1 Page - Axiomtek Co., Ltd. |
1 / 2 page 545 * All specifications and photos are subject to change without notice. Features GOT3157W-111-PCT 15.6" WXGA TFT Fanless Multi-Touch Panel Computer with AMD G-series processor T56N (-10°C ~ +45°C) ● 15.6” WXGA wide screen with modulized design ● Multi-Touch 15.6" projected capacitive ● Fanless design with AMD G-series processor T56N 1.65 GHz ● Supports 2.5” SATA HDD & CompactFlash™ type II ● Supports WLAN module & antenna (optional) ● Supports 2 Gigabit LAN, 4 USB 2.0, 1 VGA & 2 COM ports ● IP65 front bezel ● Supports panel mount and optional VESA arm/desktop stand/ wall mount ● Supports wide temperature range of -10°C ~ +45°C Introduction Specifications The GOT3157W-111-PCT adopts a 15.6-inch WXGA LCD and supports AMD G-series processor 56N 1.65 GHz. By supporting a wide range operating temperature from -10°C to +45°C, it can be used in harsh environment. The fanless HMI can work under 2.0 G (10 ~ 500Hz, random for CompactFlash™) in operation mode with a patent of anti-vibration design. It also provides one PCIe mini card slot for 3G, wireless network connectivity. The 15.6” fanless touch panel computer is suitable for transportation, heavy-duty industry, smart factory automation, and oil pipe monitoring systems. Wide Temperature Range Support (-10°C to +45°C) The AMD G-series high performance GOT3157W-111-PCT applies unique extended temperature technology with wide temperature range support as we as fanless operation. It also has a compact design for harsh environment. WALN Antenna Support (optional) The 15.6” IP65 fanless industrial panel computer, GOT3157W-111-PCT, provides one PCIe mini card slot and WLAN/3G antennas for wireless network connectivity. Front Bezel IP65 front bezel LCD Panel Display Type 15.6" WXGA TFT LCD Brightness (cd/m 2) 400 nits Resolution 1366 x 768 Main System CPU AMD G-series processor T56N 2C @1.65 GHz Chipset AMD A50M FCH System Memory 1 x 204-pin DDR3-1333/1600 SO-DIMM max. up to 4 GB BIOS AMI UEFI BIOS Storage 1 x 2.5" SATA HDD 1 x CompactFlash™ Watchdog Timer 255 levels, 0~255 sec. Onboard Graphics Integrated AMD GFX-Radeon HD6320 Modulized design Rear view 12 13 1. Power switch 2. Terminal block for DC power input or 3. Screw conn. w/ AC power adapter 4. Audio (Line-out) 5. USB 2.0 x 2 6. COM 2 (RS-232) 6. COM 1 (RS-232/422/485) 8. USB 2.0 x 2 9. Ethernet x 2 10. VGA 11 CF slot 12. Backlight switch 13. Brightness adjustment 9 8 10 11 1 5 4 6 7 2 3 Fanless DDR3 DDR3 DDR3 Ext. Temp IP65 Low Power AiRD NEW |
Similar Part No. - GOT3157W-111-PCT-J |
|
Similar Description - GOT3157W-111-PCT-J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |