Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH43480800ACNLMNTZLWN Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH43480800ACNLMNTZLWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH43480800ACNLMNTZLWN Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH43480800ACNLMNTZLWN Datasheet HTML 6Page - Jewel Hill Electronic JH43480800ACNLMNTZLWN Datasheet HTML 7Page - Jewel Hill Electronic JH43480800ACNLMNTZLWN Datasheet HTML 8Page - Jewel Hill Electronic JH43480800ACNLMNTZLWN Datasheet HTML 9Page - Jewel Hill Electronic JH43480800ACNLMNTZLWN Datasheet HTML 10Page - Jewel Hill Electronic JH43480800ACNLMNTZLWN Datasheet HTML 11Page - Jewel Hill Electronic JH43480800ACNLMNTZLWN Datasheet HTML 12Page - Jewel Hill Electronic JH43480800ACNLMNTZLWN Datasheet HTML 13Page - Jewel Hill Electronic JH43480800ACNLMNTZLWN Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH43480800A
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
GND
Ground
2
LED_A
LED+
3
LED_K
LED-
4
NC
NC
5
NC
NC
6
NC
NC
7
NC
NC
8
IM0
The MPU system 8/16Bits interface mode select pin 0
9
GND
Ground
10
IOVCC
Power Supply(2.8V/1.8V)
11
VCC
Power Supply2.8V
12
GND
Ground
13
NC/ID
NC
14
CS
Chip select input pin
15
RS
Data/Command Write Select pin
16
WR
Write execution control pin
17
RD
Read execution control pin
18
RESET
System Reset Pin
19
FMARK
FMARK
20
GND
Ground
21
GND
Ground
22-37
DB15-DB0
Data Bus
38
GND
Ground
39
LEDPWN
NC
40
GND
Ground


Similar Part No. - JH43480800ACNLMNTZLWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH43480800B JHE-JH43480800B Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH43480800BCNDMNFFCWC JHE-JH43480800BCNDMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH43480800BCNDMNFFCWN JHE-JH43480800BCNDMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH43480800BCNDMNFFEWC JHE-JH43480800BCNDMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH43480800BCNDMNFFEWN JHE-JH43480800BCNDMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH43480800ACNLMNTZLWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com