Electronic Components Datasheet Search |
|
CR6-800L-40K-12-GU24 Datasheet(PDF) 2 Page - Cree, Inc |
|
CR6-800L-40K-12-GU24 Datasheet(HTML) 2 Page - Cree, Inc |
2 / 2 page © 2015 Cree, Inc. and/or one of its subsidiaries. All rights reserved. For informational purposes only. Content is subject to change. Patent www.cree.com/patents. Cree®, TrueWhite®, and Cree TrueWhite® are registered trademarks, and the Cree logo, CR6™, the Cree TrueWhite Technology logo, and the Quick Ship logo are trademarks of Cree, Inc. ENERGY STAR® and the ENERGY STAR logo are registered trademarks of the U.S. Environmental Protection Agency. The UL logo is a registered trademark of UL LLC. T (800) 236-6800 F (262) 504-5415 US: www.cree.com/lighting T (800) 473-1234 F (800) 890-7507 Canada: www.cree.com/canada Reference www.cree.com/Lighting/Products/Indoor/Downlights-US/ CR-Series for detailed photometric data Photometry CR6-800L-27K-12-E26 BASED ON ONSPEX REPORT #: 2444322 CR6-625L: MULTIPLY BY 0.78 Luminaire photometry has been conducted by a NVLAP accredited testing laboratory in accordance with IESNA LM-79-08. IESNA LM-79-08 specifies the entire luminaire as the source resulting in a luminaire efficiency of 100%. Open Space Spacing Lumens Wattage LPW w/ft2 Average FC 4 x 4 625 9.5 66 0.60 36 6 x 6 0.28 18 8 x 8 0.15 10 10 x 10 0.10 7 4 x 4 800 12 67 0.76 47 6 x 6 0.35 22 8 x 8 0.19 13 10 x 10 0.13 8 10' Ceiling, 80/50/20 Reflectances, 2.5 workplane. LLF: 1.0 Initial. Open Space: 50' x 40' x 10' Corridor Spacing Lumens Wattage LPW w/ft2 Average FC 4' on Center 625 9.5 66 0.40 13 6' on Center 0.27 9 8' on Center 0.20 7 10' on Center 0.17 6 4' on Center 800 12 67 0.51 17 6' on Center 0.34 11 8' on Center 0.25 8 10' on Center 0.21 7 10' Ceiling, 80/50/20 Reflectances, Light levels on the ground. LLF: 1.0 Initial. Corridor: 6' Wide x 100' Long Application Reference NOTE: Reference www.cree.com/Lighting/Products/Indoor/Downlights-US/CR-Series for detailed installation instructions 0˚ 20˚ 50˚ 70˚ 90˚ 112 0 447 224 335 0˚ 90˚ Product Specifications CREE TRUEWHITE® TECHNOLOGY A revolutionary way to generate high-quality white light, Cree TrueWhite® Technology is a patented approach that delivers an exclusive combination of 90+ CRI, beautiful light characteristics, and lifelong color consistency, all while maintaining high luminous efficacy – a true no compromise solution. CONSTRUCTION & MATERIALS • Durable upper housing protects LEDs, driver and power supply. Adjustable flip clips resist heat while providing retention for flush ceiling fit • Thermal management system uses both upper housing and lower reflector to conduct heat away from LEDs and transfer it to the plenum space for optimal performance. LED junction temperatures stay below specified maximum even when installed in insulated ceilings • Suitable for insulated and non-insulated ceilings • One-piece aluminum lower reflector redirects light while also conducting heat away from LEDs. It creates a comfortable visual transition from the lens to the ceiling plane and easily accommodates CT6 snap-in trims OPTICAL SYSTEM • Unique combination of reflective and refractive optical components achieves a uniform, comfortable appearance while eliminating pixelation and color fringing. This ensures smooth light patterns are projected with no hot spots and minimal striations • Components work together to optimize distribution, balancing the delivery of high illuminance levels on horizontal surfaces with an ideal amount of light on walls and vertical surfaces. This increases the perception of spaciousness • Diffusing polycarbonate lens shields direct view of LEDs while lower reflector balances brightness of lens with the ceiling to create a low-glare high angle appearance ELECTRICAL SYSTEM • Integral, high-efficiency driver and power supply • Power Factor: > 0.9 • Total Harmonic Distortion: < 20% • Input Voltage: 120V, 60Hz • Dimming: Dimmable to 5% with most incandescent dimmers. Reference www.cree. com/Lighting/Products/Indoor/Downlights-US/CR-Series for recommended dimmers • Operating Temperature Range: 0˚C - +35˚C (32˚F - +95˚F) REGULATORY & VOLUNTARY QUALIFICATIONS • ENERGY STAR® qualified. Please refer to http://www.energystar.gov/certified-products/certified-products?c=products.pr_find_ es_products&s=mega for most current information • cULus Classified • Suitable for wet locations for covered ceilings only • Exceeds California Title-24 high efficacy luminaire requirements Please refer to http://www.appliances.energy.ca.gov/AdvancedSearch.aspx for most current information • Meets FCC Part 15 standards for conducted and radiated emissions Zonal Lumen Summary Zone Lumens % Lamp Luminaire 0-30 335 N/A 42.5% 0-40 513 N/A 65.0% 0-60 716 N/A 90.8% 0-90 789 N/A 100.0% Average Luminance Table (cd/m2) Horizontal Angle 0° 45° 90° 45° 17,630 18,200 18,559 55° 10,723 10,960 11,192 65° 7,339 7,378 7,499 75° 7,252 7,279 7,384 85° 4,818 4,996 5,477 Coefficients Of Utilization – Zonal Cavity Method RC %: 80 RW %: 70 50 30 10 RCR: 0 119 119 119 119 1 111 107 104 101 2 103 96 91 86 3 96 87 80 75 4 89 79 71 66 5 83 72 64 59 6 77 66 58 53 7 72 60 53 47 8 68 56 48 43 9 64 52 44 39 10 60 48 41 36 Effective Floor Cavity Reflectance: 20% Installation • Designed to easily install in standard 6″ (152mm) downlight housings with minimum housing height of 6.5″ (165mm) and diameter of 5.75″ - 6.5″ (146mm - 165mm) • Quick install system utilizes a unique retention feature.Simply attach socket to CR6. Move light to ready position and slide into housing CR6™ LED Downlight - 6″ |
Similar Part No. - CR6-800L-40K-12-GU24 |
|
Similar Description - CR6-800L-40K-12-GU24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |