Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR14-31L-50K-S Datasheet(PDF) 3 Page - Cree, Inc

Part # CR14-31L-50K-S
Description  CR14 Architectural LED Troffer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CR14-31L-50K-S Datasheet(HTML) 3 Page - Cree, Inc

  CR14-31L-50K-S Datasheet HTML 1Page - Cree, Inc CR14-31L-50K-S Datasheet HTML 2Page - Cree, Inc CR14-31L-50K-S Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0
15
30
250
500
750
1000
1250
1500
90
75
60
45
90°
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
© 2015 Cree, Inc. and/or one of its subsidiaries. All rights reserved. For informational purposes only. Content is subject to change.
Patent www.cree.com/patents. Cree®, TrueWhite®, and Cree TrueWhite® are registered trademarks, and the Cree logo, the Cree
TrueWhite Technology logo, and CR14™ are trademarks of Cree, Inc. The UL logo is a registered trademark of UL LLC. Lutron®, Lutron
EcoSystem®, EcoSystem®, and the Lutron EcoSystem Enabled logo are registered trademarks of Lutron, Inc. The DLC QPL logo is a
registered trademark of Northeast Energy Efficiency Partnerships, Inc.
CR14™ 1' x 4' Architectural LED Troffer
Photometry
CR14-40L-30K BASED ON LTL REPORT TEST #: 24294
Luminaire photometry has been conducted by a NVLAP accredited testing laboratory in accordance with IESNA LM-79-08. IESNA LM-79-08 specifies the entire luminaire as the source
resulting in a luminaire efficiency of 100%.
Coefficients Of Utilization – Zonal Cavity
Method
RC %:
80
RW %:
70
50
30
10
RCR: 0
119
119
119
119
1
110
106
102
73
2
101
93
87
82
3
92
82
75
69
4
85
74
65
59
5
78
66
57
51
6
72
60
51
45
7
67
54
46
40
8
63
49
41
36
9
58
45
37
32
10
55
42
34
29
Effective Floor Cavity Reflectance: 20%
Average Luminance Table (cd/m2)
Horizontal Angle
45°
90°
45°
5,407
5,407
5,407
55°
5,015
5,002
4,673
65°
4,589
4,315
3,572
75°
3,039
1,690
1,282
85°
1,727
1,249
1,321
Zonal Lumen Summary
Zone
Lumens
% Lamp
Luminaire
0-30
1,220
N/A
30.8%
0-40
1,995
N/A
50.4%
0-60
3,385
N/A
85.5%
0-90
3,959
N/A
100%
0-180
3,959
N/A
100%
Reference www.cree.com/Lighting/Products/Indoor/Troffers/CR-Series for detailed photometric data
Open Space
Spacing
Lumens
Wattage
LPW
w/ft2
Average fc
8 x 8
2200L
22W
100
0.35
30
4000L
40W
100
0.69
54
4000L
30.5W
125
0.56
54
5000L
50W
100
0.78
68
8 x 10
2200L
22W
100
0.28
25
4000L
40W
100
0.55
45
4000L
30.5W
125
0.45
45
5000L
50W
100
0.62
57
10 x 10
2200L
22W
100
0.22
21
4000L
40W
100
0.44
38
4000L
30.5W
125
0.36
38
5000L
50W
100
0.50
48
10 x 12
2200L
22W
100
0.19
17
4000L
40W
100
0.37
30
4000L
30.5W
125
0.30
30
5000L
50W
100
0.42
38
9' ceiling: 80/50/20 reflectances; 2.5' workplane, open room. LLF: 1.0 Initial Open Space: 50' x 40' x 10'
Application Reference
Based on CR14-40L-30K Luminaire


Similar Part No. - CR14-31L-50K-S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR14-40L-30K-CMA CREE-CR14-40L-30K-CMA Datasheet
370Kb / 3P
   CR14 Architectural LED Troffer
CR14-40L-35K-CMA CREE-CR14-40L-35K-CMA Datasheet
370Kb / 3P
   CR14 Architectural LED Troffer
CR14-40L-40K-CMA CREE-CR14-40L-40K-CMA Datasheet
370Kb / 3P
   CR14 Architectural LED Troffer
CR14-40L-50K-CMA CREE-CR14-40L-50K-CMA Datasheet
370Kb / 3P
   CR14 Architectural LED Troffer
CR14-40L-ACK-CMA CREE-CR14-40L-ACK-CMA Datasheet
370Kb / 3P
   CR14 Architectural LED Troffer
More results

Similar Description - CR14-31L-50K-S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR14-40L-35K-CMA CREE-CR14-40L-35K-CMA Datasheet
370Kb / 3P
   CR14 Architectural LED Troffer
CR24-40L-35K-CMA CREE-CR24-40L-35K-CMA Datasheet
371Kb / 3P
   CR24 Architectural LED Troffer
CR22-20L-35K-S CREE-CR22-20L-35K-S Datasheet
406Kb / 3P
   CR22 Architectural LED Troffer
CR24-40L-40K-10V CREE-CR24-40L-40K-10V Datasheet
404Kb / 3P
   CR24 Architectural LED Troffer
CR24 CREE-CR24 Datasheet
333Kb / 2P
   2x4 Architectural LED Troffer
CR22-32L-35K-CMA CREE-CR22-32L-35K-CMA Datasheet
369Kb / 3P
   CR22 Architectural LED Troffer with Cree SmartCast Technology
ZR14 CREE-ZR14 Datasheet
392Kb / 5P
   ZR LED Troffer
LR4 CREE-LR4 Datasheet
424Kb / 2P
   Architectural LED Downlight
logo
OSRAM GmbH
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
   Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
   Architectural lighting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com