Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH177128160ACNRMNFFLWN Datasheet(PDF) 5 Page - Jewel Hill Electronic

Part # JH177128160ACNRMNFFLWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH177128160ACNRMNFFLWN Datasheet(HTML) 5 Page - Jewel Hill Electronic

  JH177128160ACNRMNFFLWN Datasheet HTML 1Page - Jewel Hill Electronic JH177128160ACNRMNFFLWN Datasheet HTML 2Page - Jewel Hill Electronic JH177128160ACNRMNFFLWN Datasheet HTML 3Page - Jewel Hill Electronic JH177128160ACNRMNFFLWN Datasheet HTML 4Page - Jewel Hill Electronic JH177128160ACNRMNFFLWN Datasheet HTML 5Page - Jewel Hill Electronic JH177128160ACNRMNFFLWN Datasheet HTML 6Page - Jewel Hill Electronic JH177128160ACNRMNFFLWN Datasheet HTML 7Page - Jewel Hill Electronic JH177128160ACNRMNFFLWN Datasheet HTML 8Page - Jewel Hill Electronic JH177128160ACNRMNFFLWN Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
JH177128160A
VER: 3.01
- 4 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
2. EXTERNAL DIMENSIONS.
1
20
K1A
K2
K2
A
K1
DOUBLESIDE TAPE(T=0.05MM)
Specification:
2). Viewing Direction: 6 O'clock
1). BOE 1.77 TFT-LCD Type: 262/65K Color.
5). Backlight: White,2LEDs parallel Connection.
4). Driver IC:HX8353-D
Storage temp.: -30°C~+80°C
3). Operating temp.: -20°C~+70°C
K1
AK2
K2
A K1
1
20
易撕纸
VIEWING DIRECTION
20
1
20
1
1.LED CIRCUIT DIAGRAM:
NOTES:
DOUBLESIDE TAPE(T=0.05MM)
3.ABSOLTE MAXIMUM RATINGS.
The absolute maximum ratings are list on Table 3.1. When used out of the
absolute maximum ratings, the LCM may be permanently damaged. Using
the LCM within the following electrical characteristics limit is strongly
recommended for normal operation. If these electrical characteristic
conditions are exceeded during normal operation, the LCM will malfunction
and cause poor reliability.
Table 3.1
Module Absolute Maximum Ratings
Item
Symbol
Unit
Value
Note
Power Supply Voltage (1)
Vdd
V
-0.3 to +3.7
Power Supply Voltage (2)
VGH ~ VSS
V
-0.3 to +16
Power Supply Voltage (3)
VSS ~ VGL
V
-0.3 to +16
Operating Temperature
Top
°C
-20 to +70
Storage Temperature
Tst
°C
-30 to +80
Operating Humidity
Hop
%(RH)
10~90


Similar Part No. - JH177128160ACNRMNFFLWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH177128160B JHE-JH177128160B Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFCWC JHE-JH177128160BCNDMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFCWN JHE-JH177128160BCNDMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFEWC JHE-JH177128160BCNDMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFEWN JHE-JH177128160BCNDMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH177128160ACNRMNFFLWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com