Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD01060E Datasheet(PDF) 3 Page - Cree, Inc

Part # CSD01060E
Description  Silicon Carbide Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD01060E Datasheet(HTML) 3 Page - Cree, Inc

  CSD01060E Datasheet HTML 1Page - Cree, Inc CSD01060E Datasheet HTML 2Page - Cree, Inc CSD01060E Datasheet HTML 3Page - Cree, Inc CSD01060E Datasheet HTML 4Page - Cree, Inc CSD01060E Datasheet HTML 5Page - Cree, Inc CSD01060E Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CSD01060 Rev. P
Current Derating
0.00
3.00
6.00
9.00
12.00
15.00
25
50
75
100
125
150
175
200
Case Temperature
DC
70% Duty
50% Duty
30% Duty
10% Duty
T
C Case Temperature (°C)
* Frequency > 1KHz
Figure 3. Current Derating
Figure 4. Capacitance vs. Reverse Voltage
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
VR Reverse Voltage (V)
Typical Performance
25
50
75
100
125
150
175
200
14
12
10
8
6
4
2
0
10% Duty*
30% Duty*
50% Duty*
70% Duty*
DC
Figure 5. Transient Thermal Impedance
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Time (s)
V
R Reverse Voltage (V)
50
45
40
35
30
25
20
15
10
5
0
1
10
100
1000


Similar Part No. - CSD01060E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD01060E ETC1-CSD01060E Datasheet
211Kb / 5P
   ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD01060E CREE-CSD01060E Datasheet
291Kb / 2P
   Z-RecTM Rectifiers and Zero-Recovery짰 Rectifiers
CSD01060E CREE-CSD01060E Datasheet
627Kb / 6P
   Silicon Carbide Schottky Diode
More results

Similar Description - CSD01060E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com