Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH177128160CCNFMNFZLWN Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH177128160CCNFMNFZLWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH177128160CCNFMNFZLWN Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH177128160CCNFMNFZLWN Datasheet HTML 6Page - Jewel Hill Electronic JH177128160CCNFMNFZLWN Datasheet HTML 7Page - Jewel Hill Electronic JH177128160CCNFMNFZLWN Datasheet HTML 8Page - Jewel Hill Electronic JH177128160CCNFMNFZLWN Datasheet HTML 9Page - Jewel Hill Electronic JH177128160CCNFMNFZLWN Datasheet HTML 10Page - Jewel Hill Electronic JH177128160CCNFMNFZLWN Datasheet HTML 11Page - Jewel Hill Electronic JH177128160CCNFMNFZLWN Datasheet HTML 12Page - Jewel Hill Electronic JH177128160CCNFMNFZLWN Datasheet HTML 13Page - Jewel Hill Electronic JH177128160CCNFMNFZLWN Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH177128160C
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
Pin NO.
Symbol
Description
1
K
Cathode pin of backlight
2
A
Anode pin of backlight
3
GND
Power Ground
4
VDD
Power Supply for analog circuit(2.8V)
5
IOVCC
Power Supply for digital circuit(1.8/2.8V)
6
NC
No connection
7
CS
Chip select input pin
8
RESET
System Reset Pin
9
RS
Data/Command Write Select pin
10
WR
Write execution control pin
11
RD
Read execution control pin
12
DB7
Date bus
13
DB6
Date bus
14
DB5
Date bus
15
DB4
Date bus
16
DB3
Date bus
17
DB2
Date bus
18
DB1
Date bus
19
DB0
Date bus
20
GND
Power Ground
21
NC
No connection
22
NC
No connection
23
NC
No connection
24
NC
No connection
8.Outline Dimension


Similar Part No. - JH177128160CCNFMNFZLWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH177128160A JHE-JH177128160A Datasheet
1Mb / 26P
   SPECIFICATIONS FOR LCD MODULE
JH177128160ACNDMNFFCWC JHE-JH177128160ACNDMNFFCWC Datasheet
1Mb / 26P
   SPECIFICATIONS FOR LCD MODULE
JH177128160ACNDMNFFCWN JHE-JH177128160ACNDMNFFCWN Datasheet
1Mb / 26P
   SPECIFICATIONS FOR LCD MODULE
JH177128160ACNDMNFFEWC JHE-JH177128160ACNDMNFFEWC Datasheet
1Mb / 26P
   SPECIFICATIONS FOR LCD MODULE
JH177128160ACNDMNFFEWN JHE-JH177128160ACNDMNFFEWN Datasheet
1Mb / 26P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH177128160CCNFMNFZLWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com