Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH35320480DCNUMNTFEWN Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH35320480DCNUMNTFEWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH35320480DCNUMNTFEWN Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH35320480DCNUMNTFEWN Datasheet HTML 6Page - Jewel Hill Electronic JH35320480DCNUMNTFEWN Datasheet HTML 7Page - Jewel Hill Electronic JH35320480DCNUMNTFEWN Datasheet HTML 8Page - Jewel Hill Electronic JH35320480DCNUMNTFEWN Datasheet HTML 9Page - Jewel Hill Electronic JH35320480DCNUMNTFEWN Datasheet HTML 10Page - Jewel Hill Electronic JH35320480DCNUMNTFEWN Datasheet HTML 11Page - Jewel Hill Electronic JH35320480DCNUMNTFEWN Datasheet HTML 12Page - Jewel Hill Electronic JH35320480DCNUMNTFEWN Datasheet HTML 13Page - Jewel Hill Electronic JH35320480DCNUMNTFEWN Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH35320480D
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Descriptio
Pin NO.
Symbol
Description
1
TE
Tearing Effect pin
2
VCI
Power Supply for analog circuit(2.8V)
3
IOVCC
Power Supply for digital circuit(1.8/2.8V)
4
CS
Chip select input pin
5
RS
Data/Command Write Select pin
6
WR
Write execution control pin
7
RD
Read execution control pin
8
RESET
System Reset Pin
9-24
DB0-DB15
Date bus
25
GND
Date bus
26
YD
No connection
27
XL
No connection
28
YU
No connection
29
XR
No connection
30
K1
Cathode1 pin of backlight
31
K2
Cathode2 pin of backlight
32
K3
Cathode3 pin of backlight
33
K4
Cathode4 pin of backlight
34
K5
Cathode5 pin of backlight
35
K6
Cathode6 pin of backlight
36
A
Anode pin of backlight
37
GND
Power Ground
38
NC
No connection
39
NC
No connection
8.Outline Dimension


Similar Part No. - JH35320480DCNUMNTFEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH35320480A JHE-JH35320480A Datasheet
2Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH35320480ACNDMNFFCWC JHE-JH35320480ACNDMNFFCWC Datasheet
2Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH35320480ACNDMNFFCWN JHE-JH35320480ACNDMNFFCWN Datasheet
2Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH35320480ACNDMNFFEWC JHE-JH35320480ACNDMNFFEWC Datasheet
2Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH35320480ACNDMNFFEWN JHE-JH35320480ACNDMNFFEWN Datasheet
2Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH35320480DCNUMNTFEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com