Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-101-BVR Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # HA-101-BVR
Description  10.1 High brightness open frame LCD monitor with auto-dimming
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

HA-101-BVR Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  HA-101-BVR Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10.1" High brightness open frame LCD monitor with auto-dimming
Features
High brightness with auto-dimming control (energy saving)
For kiosk, outdoor, semi-outdoor, digital signage application
10.1" WXGA TFT LCD with LED backlight
Removable environment light sensor
VESA mount (75x75mm)
RS232 for remote control
Specifications
Size
10.1" (16:9.4)
Signal input
VGA, DVI-I
Backlight
LED
OSD adjustment
Power, Enter, Left, Right, Auto
Panel type
TN
DC connector
2.5mm diameter
Pixel pitch
0.2175x0.2088 mm
DC input
12 Vdc / 1A
Active area
222.72x125.28 mm
Consumption
12W
Brightness
1000 nits (max.) *
Management
VESA DPMS
Contrast
500 : 1
Mounting
75x75mm VESA mount
Viewing angle
80/80/80/80 degree
Dimension
265 (W) x 145 (H) x 39 (D) mm
Resolution
1024 x 600
Net weight
Display color
262K/16.7M (6/8 bit)
Packing
Response time
Tr/Tf=11/5 mS
Carton size
Hor. frequency
30 ~ 63 KHz
Container loading
Ver. frequency
60/70 Hz
Operation
-30 ~ 80 degree C
Pixel rate
75 MHz
Storage
-30 ~ 80 degree C
* Higher brightness is on demandt.
Ordering information
Model selection
X: Panel selection
Y: Input selection
Z: Touch selection
0:
Standard, chosen
0:
Standard, VGA/DVI
0:
Standard, none
A:
Specified LCD
V:
VGA only
G: Glass
B:
Specified LCD
H: VGA/DVI/HDMI
R: Resitive
…etc. Specified LCD
P:
DVI/HDMI/DP
C: Surface capacitive
S:
VGA/DVI/S-video
P:
Projective capacitive
I :
IR
S:
SAW
Optional accessories
* Power adapter
100 ~ 240 Vac adapter with 12Vdc / 3A o/p
* Power cord
1.8M power cord, US / EU
* Signal cable
1.8M VGA cable, 1.8M DVI cable, 1.8M RS232 cable
Product drawing
* All specification and photos are subject to change without notice.
HA-101-XYZ
HA-101
LCD panel
Power
Package
Video
Temperature


Similar Part No. - HA-101-BVR

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
HA-101-BVR AXIOMTEK-HA-101-BVR Datasheet
142Kb / 1P
   High brightness open frame LCD monitor
More results

Similar Description - HA-101-BVR

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
HA-121 AXIOMTEK-HA-121 Datasheet
147Kb / 1P
   High brightness open frame LCD monitor with auto-dimming
HA-215 AXIOMTEK-HA-215 Datasheet
144Kb / 1P
   High brightness open frame LCD monitor with auto-dimming
HA-270 AXIOMTEK-HA-270 Datasheet
129Kb / 1P
   High brightness open frame LCD monitor with auto-dimming
HA-104 AXIOMTEK-HA-104 Datasheet
147Kb / 1P
   High brightness open frame LCD monitor with auto-dimming
HA-156 AXIOMTEK-HA-156 Datasheet
129Kb / 1P
   High brightness open frame LCD monitor with auto-dimming
HA-185 AXIOMTEK-HA-185 Datasheet
148Kb / 1P
   High brightness open frame LCD monitor with auto-dimming
HA-170 AXIOMTEK-HA-170 Datasheet
151Kb / 1P
   High brightness open frame LCD monitor with auto-dimming
HA-150 AXIOMTEK-HA-150 Datasheet
150Kb / 1P
   15 High brightness open frame LCD monitor with auto-dimming
HB-170 AXIOMTEK-HB-170 Datasheet
151Kb / 1P
   High brightness open frame LCD monitor
HB-320 AXIOMTEK-HB-320 Datasheet
127Kb / 1P
   High brightness open frame LCD monitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com