Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD08P06P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPD08P06P
Description  SIPMOS Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD08P06P Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPD08P06P Datasheet HTML 1Page - Infineon Technologies AG SPD08P06P Datasheet HTML 2Page - Infineon Technologies AG SPD08P06P Datasheet HTML 3Page - Infineon Technologies AG SPD08P06P Datasheet HTML 4Page - Infineon Technologies AG SPD08P06P Datasheet HTML 5Page - Infineon Technologies AG SPD08P06P Datasheet HTML 6Page - Infineon Technologies AG SPD08P06P Datasheet HTML 7Page - Infineon Technologies AG SPD08P06P Datasheet HTML 8Page - Infineon Technologies AG SPD08P06P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1999-11-22
Page 3
SPD08P06P
SPU08P06P
Preliminary data
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS³2*ID*RDS(on)max , ID = -6.2 A
1.5
gfs
S
-
3.6
Input capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Ciss
335
420
pF
-
Coss
-
135
105
Output capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Reverse transfer capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
95
65
Crss
-
Turn-on delay time
VDD = -30 V, VGS = -10 V, ID = -6.2 A,
RG = 6 W
-
24
ns
16
td(on)
Rise time
VDD = -30 V, VGS = -10 V, ID = -6.2 A,
RG = 6 W
tr
-
69
46
48
72
td(off)
Turn-off delay time
VDD = -30 V, VGS = -10 V, ID = -6.2 A,
RG = 6 W
-
Fall time
VDD = -30 V, VGS = -10 V, ID = -6.2 A,
RG = 6 W
tf
-
14
21


Similar Part No. - SPD08P06P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD08P06P INFINEON-SPD08P06P Datasheet
598Kb / 9P
   SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.9 2008-10-13
SPD08P06PG INFINEON-SPD08P06PG Datasheet
598Kb / 9P
   SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.9 2008-10-13
SPD08P06PG INFINEON-SPD08P06PG Datasheet
605Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD08P06PG INFINEON-SPD08P06PG_12 Datasheet
605Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD08P06P INFINEON-SPD08P06P_08 Datasheet
598Kb / 9P
   SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.9 2008-10-13
More results

Similar Description - SPD08P06P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com