Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV10964 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10964
Description  Three-Phase Sinusoidal Sensorless BLDC Motor Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10964 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV10964 Datasheet HTML 6Page - Texas Instruments DRV10964 Datasheet HTML 7Page - Texas Instruments DRV10964 Datasheet HTML 8Page - Texas Instruments DRV10964 Datasheet HTML 9Page - Texas Instruments DRV10964 Datasheet HTML 10Page - Texas Instruments DRV10964 Datasheet HTML 11Page - Texas Instruments DRV10964 Datasheet HTML 12Page - Texas Instruments DRV10964 Datasheet HTML 13Page - Texas Instruments DRV10964 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Closed Loop
Operation
Wait for Motor to Stop
Command PWM = 0%
FG = defined by FGS
FG = U to CT BEMF comparator
Sleep
Speed < 10 Hz
FG = 0 or 1 (will not toggle)
10
DRV10964
SLDS227 – MARCH 2016
www.ti.com
Product Folder Links: DRV10964
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3.4 Motor Frequency Feedback (FG)
During operation of the DRV10964 device, the FG pin provides an indication of the speed of the motor. The
output provided on this pin is configured by applying a logic signal to the FGS pin.
The formula to determine the speed of the motor is:
IF FGS = 0, RPM = (FREQFG × 60)/number of pole pairs
(2)
IF FGS = 1, RPM = (FREQFG × 60 × 3)/number of pole pairs
(3)
During Open Loop Acceleration the FG pin will provide an indication of the frequency of the signal which is
driving the motor. The lock condition of the motor is not known during Open Loop Acceleration so it is possible
that the FG could be toggling during this time even though the motor is not moving.
The FG pin has built in short circuit protection, which limits the current in the event that the pin is shorted to VCC.
The current will be limited to ISC_FG.
7.3.4.1 Tach Feedback During Spin Down
The DRV10964 will provide feedback on the FG pin during spin down of the motor. Figure 7 illustrates the
behavior of the FG output. When DRV10964 PWM input is at 0% DRV10964 will provide the output of the U
phase comparator on the FG pin until the motor speed drops below 10 Hz. When the motor speed is below 10
Hz the device will enter into the Sleep state and the FG output will be held at a constant value based on the last
BEMF zero cross detection.
Figure 7. TACH Feedback on Spin Down
7.3.5 Lock Detection
When the motor is locked by some external condition the DRV10964 will detect the lock condition and will take
action to protect the motor and the device. The lock condition must be properly detected whether it occurs as a
result of a slowly increasing load or a sudden shock.
The DRV10964 reacts to lock conditions by stopping the motor drive. To stop driving the motor the phase
outputs are placed into a high impedance state. To prevent the current which is flowing in the motor from being
returned to the power supply (VCC) the DRV10964 uses an Ant-Voltage Surge feature. For more information on
this feature, see Anti-Voltage Surge (AVS). After successfully transitioning into a high impedance state as the
result of a lock condition the DRV10964 will attempt to restart the motor after tOFF_LOCK seconds.
The DRV10964 has a comprehensive lock detect function which includes 5 different lock detect schemes. Each
of these schemes detects a particular condition of lock as illustrated in Figure 8.


Similar Part No. - DRV10964

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10963 TI-DRV10963 Datasheet
7Mb / 31P
[Old version datasheet]   DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10963DSNR TI-DRV10963DSNR Datasheet
7Mb / 31P
[Old version datasheet]   DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10963JADSNR TI-DRV10963JADSNR Datasheet
7Mb / 31P
[Old version datasheet]   DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10963JADSNT TI-DRV10963JADSNT Datasheet
7Mb / 31P
[Old version datasheet]   DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10964

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
   5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
logo
Texas Instruments
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
logo
Allegro MicroSystems
A5936 ALLEGRO-A5936 Datasheet
668Kb / 12P
   Three Phase Sensorless Sinusoidal Fan Driver
logo
Texas Instruments
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com