Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV10964 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10964
Description  Three-Phase Sinusoidal Sensorless BLDC Motor Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10964 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV10964 Datasheet HTML 7Page - Texas Instruments DRV10964 Datasheet HTML 8Page - Texas Instruments DRV10964 Datasheet HTML 9Page - Texas Instruments DRV10964 Datasheet HTML 10Page - Texas Instruments DRV10964 Datasheet HTML 11Page - Texas Instruments DRV10964 Datasheet HTML 12Page - Texas Instruments DRV10964 Datasheet HTML 13Page - Texas Instruments DRV10964 Datasheet HTML 14Page - Texas Instruments DRV10964 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
No motor
Frequency Overflow
BEMF abnormal
Accelerate abnormal
Speed abnormal
Tri-state
and Restart
Logic
11
DRV10964
www.ti.com
SLDS227 – MARCH 2016
Product Folder Links: DRV10964
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 8. Lock Detect
The behavior of each lock detect scheme is described in the following sections.
7.3.5.1 Lock0: No Motor
The Phase U current is checked after transitioning from open loop to closed loop. If Phase U current is not
greater than 50mA then the motor is not connected. This is reported as a locked condition.
7.3.5.2 Lock1: Frequency Overflow
For most applications the maximum electrical frequency of the motor will be less than 3 kHz. If the motor is
stopped then the BEMF voltage will be zero. Under this condition, when the DRV10964 device is in the closed
loop mode, the sensor less control algorithm will continue to accelerate the electrical commutation rate even
though the motor is not spinning. A lock condition is triggered if the electrical frequency exceeds 3 kHz.
7.3.5.3 Lock2: BEMF Abnormal
For any specific motor, the integrated value of BEMF during half of an electrical cycle will be a constant as
illustrated by the shaded green area in Figure 9. This is true regardless of whether the motor runs fast or slow.
The DRV10964 monitors this value and uses it as a criterion to determine if the motor is in a lock condition.
The DRV10964 uses the integrated BEMF to determine the Kt value of the motor during the initial motor start.
Based on this measurement a range of acceptable Kt values is established. This range is between 1/2 x Kt and 4
x Kt During closed loop motor operation the Ktc value is continuously updated. If the calculated Ktc goes beyond
the acceptable range a lock condition is triggered. This is illustrated in Figure 10.
Figure 9. BEMF Integration


Similar Part No. - DRV10964

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10963 TI-DRV10963 Datasheet
7Mb / 31P
[Old version datasheet]   DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10963DSNR TI-DRV10963DSNR Datasheet
7Mb / 31P
[Old version datasheet]   DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10963JADSNR TI-DRV10963JADSNR Datasheet
7Mb / 31P
[Old version datasheet]   DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10963JADSNT TI-DRV10963JADSNT Datasheet
7Mb / 31P
[Old version datasheet]   DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10964

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
   5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
logo
Texas Instruments
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
logo
Allegro MicroSystems
A5936 ALLEGRO-A5936 Datasheet
668Kb / 12P
   Three Phase Sensorless Sinusoidal Fan Driver
logo
Texas Instruments
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com