Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS3137-EP Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS570LS3137-EP
Description  16- and 32-Bit RISC Flash Microcontroller
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS570LS3137-EP_15 Datasheet HTML 5Page - Texas Instruments TMS570LS3137-EP_15 Datasheet HTML 6Page - Texas Instruments TMS570LS3137-EP_15 Datasheet HTML 7Page - Texas Instruments TMS570LS3137-EP_15 Datasheet HTML 8Page - Texas Instruments TMS570LS3137-EP_15 Datasheet HTML 9Page - Texas Instruments TMS570LS3137-EP_15 Datasheet HTML 10Page - Texas Instruments TMS570LS3137-EP_15 Datasheet HTML 11Page - Texas Instruments TMS570LS3137-EP_15 Datasheet HTML 12Page - Texas Instruments TMS570LS3137-EP_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 157 page
background image
TMS570LS3137-EP
www.ti.com
SPNS230D – OCTOBER 2013 – REVISED FEBRUARY 2015
4.1.1
Pin Attributes
4.1.1.1 identifies the external signal names, the associated pin/ball numbers along with the mechanical
package designator, the pin/ball type (Input, Output, IO, Power or Ground), whether the pin/ball has any
internal pullup/pulldown, whether the pin/ball can be configured as a GPIO, and a functional pin/ball
description. The first signal name listed is the primary function for that terminal. The signal name in Bold is
the function being described. Refer to the TMS570LS31X/21X Technical Reference Manual (SPNU499)
for information on how to select between different multiplexed functions.
NOTE
All I/O signals except nRST are configured as inputs while nPORRST is low and immediately
after nPORRST goes High.
All output-only signals are configured as inputs while nPORRST is low, and are
configured as outputs immediately after nPORRST goes High.
While nPORRST is low, the input buffers are disabled, and the output buffers are
tri-stated.
In the Pin Functions table below, the "Default Pull State" is the state of the pullup or
pulldown while nPORRST is low and immediately after nPORRST goes High. The
default pull direction may change when software configures the pin for an alternate
function. The "Pull Type" is the type of pull asserted when the signal name in bold
is enabled for the given pin.
Copyright © 2013–2015, Texas Instruments Incorporated
Pin Configuration and Functions
9
Submit Documentation Feedback
Product Folder Links: TMS570LS3137-EP


Similar Part No. - TMS570LS3137-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS3137-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com