Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1215887 Datasheet(PDF) 2 Page - SICK AG

Part # 1215887
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1215887 Datasheet(HTML) 2 Page - SICK AG

  1215887 Datasheet HTML 1Page - SICK AG 1215887 Datasheet HTML 2Page - SICK AG 1215887 Datasheet HTML 3Page - SICK AG 1215887 Datasheet HTML 4Page - SICK AG 1215887 Datasheet HTML 5Page - SICK AG 1215887 Datasheet HTML 6Page - SICK AG 1215887 Datasheet HTML 7Page - SICK AG 1215887 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG02A-0595I13201 | MLG-2 Pro
MEASURING AUTOMATION LIGHT GRIDS
2
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-01-29 09:44:08
Subject to change without notice
Ordering information
Type
Part no.
MLG02A-0595I13201
1215887
Other models and accessories
www.sick.de/MLG-2_Pro
Detailed technical data
Features
Version
Pro
Technology
Sender/receiver
Minimum detectable object (MDO)
2.5 mm 1)
3.5 mm 2)
Beam separation
2.5 mm
Number of beams
≥ 239
Detection height
595 mm
Software features
Interface RS-485: beam status
Baud rate RS-485: 9,600
Q1: presence detection
Q2 / IN: Teach-in
Teach: Standard mode
1) MDO min. detectable object.
2) Depending on beam separation without cross beam setting.
Performance
Maximum range
2.8 m 1)
Minimum range
≥ 0 mm
Working range
2 m
Response time
≥ 19.7 ms 2) 3)
1) No reserve for environmental issue and deterioration of the diode.
2) Without high speed.
3) With resistive load.
Interfaces
Connection type
Male connector M12, 8-pin


Similar Part No. - 1215887

ManufacturerPart #DatasheetDescription
logo
SICK AG
1215888 SICK-1215888 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
1215889 SICK-1215889 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
More results

Similar Description - 1215887

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG1-0140A812 SICK-MLG1-0140A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-0140F412 SICK-MLG1-0140F412 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG02A-0745B13201 SICK-MLG02A-0745B13201 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG05A-0445B10501 SICK-MLG05A-0445B10501 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-1940F812 SICK-MLG1-1940F812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I812 SICK-MLG1-2390I812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I822 SICK-MLG1-2390I822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0140F212 SICK-MLG2-0140F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0440F822 SICK-MLG2-0440F822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0580A812 SICK-MLG2-0580A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-1640F212 SICK-MLG2-1640F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com