Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD25N06S2-40 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPD25N06S2-40
Description  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD25N06S2-40 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPD25N06S2-40 Datasheet HTML 1Page - Infineon Technologies AG SPD25N06S2-40 Datasheet HTML 2Page - Infineon Technologies AG SPD25N06S2-40 Datasheet HTML 3Page - Infineon Technologies AG SPD25N06S2-40 Datasheet HTML 4Page - Infineon Technologies AG SPD25N06S2-40 Datasheet HTML 5Page - Infineon Technologies AG SPD25N06S2-40 Datasheet HTML 6Page - Infineon Technologies AG SPD25N06S2-40 Datasheet HTML 7Page - Infineon Technologies AG SPD25N06S2-40 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2003-05-09
Page 1
SPD25N06S2-40
OptiMOS® Power-Transistor
Product Summary
VDS
55
V
RDS(on)
40
m
ID
29
A
Feature
• N-Channel
• Enhancement mode
• 175°C operating temperature
• Avalanche rated
• dv/dt rated
P- TO252 -3-11
Marking
2N0640
Type
Package
Ordering Code
SPD25N06S2-40
P- TO252 -3-11 Q67060-S7427
Maximum Ratings, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current
TC=25°C
ID
29
20
A
Pulsed drain current
TC=25°C
ID puls
116
Avalanche energy, single pulse
ID=25A, VDD=25V, RGS=25Ω
EAS
80
mJ
Repetitive avalanche energy, limited by Tjmax1)
EAR
6.8
Reverse diode dv/dt
IS=25A, VDS=44V, di/dt=200A/µs, Tjmax=175°C
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC=25°C
Ptot
68
W
Operating and storage temperature
Tj , Tstg
-55... +175
°C
IEC climatic category; DIN IEC 68-1
55/175/56


Similar Part No. - SPD25N06S2-40

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPD25N06S2-40 VBSEMI-SPD25N06S2-40 Datasheet
899Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SPD25N06S2-40

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com