Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACJT210-10F Datasheet(PDF) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # ACJT210-10F
Description  2A TRIACs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

ACJT210-10F Datasheet(HTML) 5 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  ACJT210-10F Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT210-10F Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT210-10F Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT210-10F Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT210-10F Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT210-10F Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT210-10F Datasheet HTML 7Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ACJT2 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 5 / 7-
http://www.jjwdz.com
PACKAGE MECHANICAL DATA


Similar Part No. - ACJT210-10F

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
ACJT10 JIEJIE-ACJT10 Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10A JIEJIE-ACJT1010-10A Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10B JIEJIE-ACJT1010-10B Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10F JIEJIE-ACJT1010-10F Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
More results

Similar Description - ACJT210-10F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com