Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACJT410-10F Datasheet(PDF) 7 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # ACJT410-10F
Description  4A TRIACs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

ACJT410-10F Datasheet(HTML) 7 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  ACJT410-10F Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT410-10F Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT410-10F Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT410-10F Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT410-10F Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT410-10F Datasheet HTML 6Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT410-10F Datasheet HTML 7Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ACJT4 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 7 / 7-
http://www.jjwdz.com
FIG.3: Surge peak on-state current versus
number of cycles
FIG.6: Relative variations of holding current,
latching curretn versus junction temperature
FIG.4: On-state characteristics (maximum
values)
1
10
100
1000
Number of cycles
0
5
10
15
20
ITSM (A)
ITM (A)
VTM (V)
0
0.5
1.0
1.5
2.0
2.5
0
-40
-20
0
20
40
60
80
100
120
140
IH,IL(Tj) /IH,IL(Tj=25℃)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
30
35
Tj (℃)
2
4
6
8
FIG.5: Relative variations of gate trigger current
versus junction temperature
-40
-20
0
20
40
60
80
100
120
140
IGT(Tj) /IGT(Tj=25℃)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IGT1&IGT2
Tj (℃)
IH
IL
IGT3
Tj=25℃
Tj=125℃
t=20ms
One cycle
Information furnished in this document is believed to be accurate and reliable. However, Jiangsu
JieJie Microelectronics Co.,Ltd assumes no responsibility for the consequences of use without
consideration for such information nor use beyond it.
Information mentioned in this document is subject to change without notice, apart from that when
an agreement is signed, Jiangsu JieJie complies with the agreement.
Products and information provided in this document have no infringement of patents. Jiangsu
JieJie assumes no responsibility for any infringement of other rights of third parties which may
result from the use of such products and information.
This document is the fourth version which is made in 12-June-2015. This document supersedes
and replaces all information previously supplied.
is a registered trademark of Jiangsu JieJie Microelectronics Co.,Ltd.
Copyright
© 2015 Jiangsu JieJie Microelectronics Co.,Ltd. Printed All rights reserved.


Similar Part No. - ACJT410-10F

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
ACJT10 JIEJIE-ACJT10 Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10A JIEJIE-ACJT1010-10A Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10B JIEJIE-ACJT1010-10B Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10F JIEJIE-ACJT1010-10F Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
More results

Similar Description - ACJT410-10F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
   4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
   4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
   4A TRIACs
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
   4A TRIACS
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
   4A TRIACS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com