Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH395320480ACNRNNFZCWN Datasheet(PDF) 11 Page - Jewel Hill Electronic

Part # JH395320480ACNRNNFZCWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH395320480ACNRNNFZCWN Datasheet(HTML) 11 Page - Jewel Hill Electronic

Back Button JH395320480ACNRNNFZCWN Datasheet HTML 7Page - Jewel Hill Electronic JH395320480ACNRNNFZCWN Datasheet HTML 8Page - Jewel Hill Electronic JH395320480ACNRNNFZCWN Datasheet HTML 9Page - Jewel Hill Electronic JH395320480ACNRNNFZCWN Datasheet HTML 10Page - Jewel Hill Electronic JH395320480ACNRNNFZCWN Datasheet HTML 11Page - Jewel Hill Electronic JH395320480ACNRNNFZCWN Datasheet HTML 12Page - Jewel Hill Electronic JH395320480ACNRNNFZCWN Datasheet HTML 13Page - Jewel Hill Electronic JH395320480ACNRNNFZCWN Datasheet HTML 14Page - Jewel Hill Electronic JH395320480ACNRNNFZCWN Datasheet HTML 15Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
JH395320480A
VER: 1.0
- 10 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO. Symbol
Description
1
K
Cathode pin of backlight
2
A
Anode pin of backlight
3
VCI
Power Supply for analog circuit(2.8V)
4
IOVCC
Power Supply for digital circuit(1.8/2.8V)
5
RESET
System Reset Pin
6~13
B0~B7
8-bit blue data bus in RGB interface
14
GND
Power Ground
15~22
G0~G7
8-bit green data bus in RGB interface
23
GND
Power Ground
24~31
R0~R7
8-bit red data bus in RGB interface
32
SCL
Power Ground
33
CS
Serial Clock in serial interface
34
SDI
Serial data input in serial interface
35
SDO
Serial data output in serial interface
36
VS
Frame synchronizing signal in RGB interface
37
HS
Line synchronizing signal in RGB interface
38
DEN
Data ENABLE input signal in RGB interface
39
CLK
Dot clock signal in RGB interface
8.Outline Dimension


Similar Part No. - JH395320480ACNRNNFZCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH395320480B JHE-JH395320480B Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH395320480BCNDMNFFCWC JHE-JH395320480BCNDMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH395320480BCNDMNFFCWN JHE-JH395320480BCNDMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH395320480BCNDMNFFEWC JHE-JH395320480BCNDMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH395320480BCNDMNFFEWN JHE-JH395320480BCNDMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH395320480ACNRNNFZCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com