Electronic Components Datasheet Search |
|
JH395320480BCNFNNFZCWN Datasheet(PDF) 4 Page - Jewel Hill Electronic |
|
JH395320480BCNFNNFZCWN Datasheet(HTML) 4 Page - Jewel Hill Electronic |
4 / 23 page JH395320480B VER: 1.0 - 3 - Issue date: 2013/08/15 JEWEL HILL ELECTRONIC CO.,LTD. 1. GENERAL DESCRIPTION. The JH395320480B model is a Color TFT LCD. This main Module has a 3.95inch diagonally measured active display area with 320(RGB)×480 resolution. Each pixel is divided into Red, Green and Blue sub-pixels and dots which are arranged in vertical stripes. The LCD color is determined with 262,000 colors signal for each pixel. The JH395320480B has been designed to apply the interface method that enables low power, high speed, and high contrast. The JH395320480B is intended to support applications where thin thickness, wide viewing angle and low power are critical factors and graphic displays are important. 2. GENERAL FEATURES. Item Display Panel Remark Display Mode Normally White, Transmissive LCD Viewing Direction 9 O’Clock Input Signals 8/16BIT Outside Dimensions 60.88(W)*94.57(H)*2.28(T) Effective Area - Active Area 55.68mm(W)×83.52mm(H) Number of Pixels 320×RGB×480Pixels Pixel Pitch 0.174mm(H)×0.174mm(W) Pixel Arrangement RGB Vertical stripes Drive IC HX8357C 3.Absolute Maximum Ratings The following are maximum values which, if exceeded may cause operation or damage to the unit. ITEM Symbol Min. Typ. Max. Unit Remark Power for Circuit Driving VDD -0.3 - 3.3 V Power for Circuit Logic VCI -0.3 - 4.6 V LC Operating Voltage *1) Vop - V 25.6 VBBBBBBBBBfBBBBBBBBB 3.0 3.2 3.4 V LED Forward Current If 60 80 100 mA LED Luminance BBBBBBBBBBPBBBBBBBBB 4000 - - cd/mPPPPPPPPP2PPPPPPPPPPPPPPPPPPPPPPP Storage Humidity HBBBBBBBBBSTBBBBBBBBB 10 - 90 %RH Storage Temperature T BBBBBBBBB ST BBBBBBBBB -30 - 80 ℃ Operating Ambient Humidity H BBBBBBBBB OP BBBBBBBBB 10 - 90 %RH Operating Ambient temperature T BBBBBBBBB OP BBBBBBBBB -20 - 70 ℃ At 25±5℃ |
Similar Part No. - JH395320480BCNFNNFZCWN |
|
Similar Description - JH395320480BCNFNNFZCWN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |