Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD30N06S2-23 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPD30N06S2-23
Description  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD30N06S2-23 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPD30N06S2-23 Datasheet HTML 1Page - Infineon Technologies AG SPD30N06S2-23 Datasheet HTML 2Page - Infineon Technologies AG SPD30N06S2-23 Datasheet HTML 3Page - Infineon Technologies AG SPD30N06S2-23 Datasheet HTML 4Page - Infineon Technologies AG SPD30N06S2-23 Datasheet HTML 5Page - Infineon Technologies AG SPD30N06S2-23 Datasheet HTML 6Page - Infineon Technologies AG SPD30N06S2-23 Datasheet HTML 7Page - Infineon Technologies AG SPD30N06S2-23 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2003-05-09
Page 2
SPD30N06S2-23
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - case
RthJC
-
0.98
1.5
K/W
Thermal resistance, junction - ambient, leaded
RthJA
-
-
100
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 3)
RthJA
-
-
-
-
75
50
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
VGS=0V, ID=1mA
V(BR)DSS
55
-
-
V
Gate threshold voltage, VGS = VDS
ID=50µA
VGS(th)
2.1
3
4
Zero gate voltage drain current
VDS=55V, VGS=0V, Tj=25°C
VDS=55V, VGS=0V, Tj=125°C
IDSS
-
-
0.01
1
1
100
µA
Gate-source leakage current
VGS=20V, VDS=0V
IGSS
-
1
100
nA
Drain-source on-state resistance
VGS=10V, ID=21A
RDS(on)
-
17.9
23
m
1Current limited by bondwire ; with an R
thJC = 1.5K/W the chip is able to carry ID= 46A at 25°C, for detailed
information see app.-note ANPS071E available at www.infineon.com/optimos
2Defined by design. Not subject to production test.
3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.


Similar Part No. - SPD30N06S2-23

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPD30N06S2-13 VBSEMI-SPD30N06S2-13 Datasheet
899Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
Infineon Technologies A...
SPD30N06S2-15 INFINEON-SPD30N06S2-15 Datasheet
265Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
logo
VBsemi Electronics Co.,...
SPD30N06S2-15 VBSEMI-SPD30N06S2-15 Datasheet
899Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SPD30N06S2-23

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com